Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1843 Datasheet(PDF) 5 Page - Seme LAB

Part # IP1843
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1843 Datasheet(HTML) 5 Page - Seme LAB

  IP1843 Datasheet HTML 1Page - Seme LAB IP1843 Datasheet HTML 2Page - Seme LAB IP1843 Datasheet HTML 3Page - Seme LAB IP1843 Datasheet HTML 4Page - Seme LAB IP1843 Datasheet HTML 5Page - Seme LAB IP1843 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
tc » 0.55 RTCT
td » RTCT Rn
1
Resultant frequency f =
(tc + td)
For RT > 5kW,
1.8
Resultant frequency f
»
(RTCT)
Oscillator timing capacitor CT is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal
blanks the output to the low state. Selection of RT and
CT therefore determines both oscillator frequency and
maximum duty cycle. Charge and discharge times are
determined by the formulae:
.0063 RT – 2.3
.0063 – 4
(
)
IP1842 SERIES
IP1843 SERIES
Prelim.3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Open–Loop Laboratory Test Fixture
APPLICATIONS INFORMATION
High peak current associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should
be connected close to pin 5 in a single point ground. The transistor and 5K potentiometer are used to sample the oscillator wave
form and apply an adjustable ramp to pin 3.
1
2
3
4
8
7
6
5
COMP
V
REF
GROUND
OUTPUT
R
T /C T
V
CC
I
SENSE
V
FB
COMP
V
REF
GROUND
OUTPUT
1
2
3
4
POWER
GROUND
5
6
7
14
13
12
11
10
9
8
N/C
R
T /C T
I
SENSE
N/C
N/C
N/C
V
CC
V
FB
V
C
Oscillator Waveforms and Maximum Duty Cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com