Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1R07 Datasheet(PDF) 1 Page - Seme LAB

Part # IP1R07
Description  3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R07 Datasheet(HTML) 1 Page - Seme LAB

  IP1R07 Datasheet HTML 1Page - Seme LAB IP1R07 Datasheet HTML 2Page - Seme LAB IP1R07 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LAB
SEME
IP1R07A
IP3R07A
IP1R07A
IP3R07A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
Pin 1 – VP
Pin 2 – VC
Pin 3 – N/C
Pin 4 – ADJ.
Case – VO
K Package – TO–3
Pin 1 – VC
Pin 2 – N/C
Pin 3 – VO
Pin 4 – VP
Pin 5 – ADJ.
V Package – TO–218
3 AMP
LOW DROPOUT
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Control Input to Output Voltage
Power Input to Output Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
TL
Lead Temperature (Soldering, 10 sec.)
35V
15V
Internally limited
See Order Information Table
–65 to +150°C
+300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• 1% OUTPUT VOLTAGE TOLERANCE
(–A VERSIONS)
• 0.3% LOAD REGULATION
• 0.01% / V LINE REGULATION
• 0.8V DROPOUT VOLTAGE AT 3A
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
12
5
4
3
12
5
34
Pin 1 – VC
Pin 2 – N/C
Pin 3 – VO
Pin 4 – VP
Case – ADJ.
T Package – TO–220
Pin 1 – VC
Pin 2 – VP
Pin 3 – ADJ.
Case – VO
G Package – TO–257
345
12
1 23
Description
The IP3R07A series of low dropout adjustable voltage
regulators are capable of supplying 3A of output current
with an input-to-output voltage of just 0.8V. In applications
where high efficiency is necessary it is now possible to
obtain a low cost, single chip solution. These regulators
are exceptionally easy to use, requiring only two external
resistors to set the output voltage.
The IP3R07A exhibits an initial ±1% output voltage
tolerance, and over all operating conditions the reference
voltage is guaranteed not to vary more than ±2%. These
devices include internal current limiting, thermal overload
protection, and power device safe operating area
compensation.


Similar Part No. - IP1R07

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17 SEME-LAB-IP1R17 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-05 SEME-LAB-IP1R17-05 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-12 SEME-LAB-IP1R17-12 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-15 SEME-LAB-IP1R17-15 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R1705-G SEME-LAB-IP1R1705-G Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - IP1R07

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Aeroflex Circuit Techno...
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
logo
Anaren Microwave
MSK5971RH ANAREN-MSK5971RH Datasheet
558Kb / 8P
RAD HARD POSITIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com