Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1R07 Datasheet(PDF) 3 Page - Seme LAB

Part # IP1R07
Description  3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R07 Datasheet(HTML) 3 Page - Seme LAB

  IP1R07 Datasheet HTML 1Page - Seme LAB IP1R07 Datasheet HTML 2Page - Seme LAB IP1R07 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LAB
SEME
IP1R07A
IP3R07A
IP1R07A
IP3R07A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
VREF
Reference Voltage
∆V
OUT
Line Regulation 1
∆I
OUT
∆V
OUT
Load Regulation 1
∆I
OUT
Thermal Regulation
Ripple Rejection
Dropout Voltage
(Power Input)
IADJ
Adjust Pin Current
∆I
ADJ
Adjust Pin Current
Change
IMIN
Minimum Load
Current
ICL
Current Limit
RθJC
Thermal Resistance
Junction to Case
IO = 10mA
IO = 10mA to 3A
VC – VO = 3V to 35V
VP – VO = 1.5V to 7V
P
≤ 20W
TJ = Over Temp. Range 1
VC – VO = 3V to 35V
TJ = Over Temp. Range 1
IO = 10mA to 3A
TJ = Over Temp. Range 1
tp = 20ms
CADJ = 0
VO = 10V
CADJ = 10µF
f = 120Hz
TJ = Over Temp. Range 1
∆V
O = 50mV
TJ = Over Temp. Range 1
IO = 10mA to 3A
VP – VO = 1.5V to 7V
VC – VO = 3V to 35V
TJ = Over Temp. Range 1
VC – VO = 35V
TJ = Over Temp. Range 1
VP – VO ≤ 7V
TJ = Over Temp. Range 1
K Package
Power Transistor
V Package
Control Circuitry
T Package
Power Transistor
G Package
Control Circuitry
1.238
1.250
1.262
1.225
1.250
1.270
0.005
0.010
0.020
0.050
0.10
0.30
0.30
1.0
0.002
0.010
65
66
86
0.8
1.0
50
100
0.2
5
3.5
5
3
4.5
1.2
0.5
2.3
0.7
1.20
1.25
1.30
0.005
0.030
0.020
0.070
0.10
0.50
0.30
1.5
0.002
0.030
65
66
86
0.8
1.0
50
100
0.2
5
3.5
10
3
4.5
1.2
0.5
2.3
0.7
V
V
% / V
%
%/W
dB
dB
V
µA
µA
mA
A
°C/W
IP1R07A
IP1R07
IP3R07A
IP3R07
Parameter
Test Conditions 2
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Notes
1) Applies over full temperature range :–
TJ = –55 to +150°C for IP1R07A / IP1R07
TJ =
0 to +125°C for IP3R07A / IP3R07
All other specifications apply at TJ = 25°C unless otherwise stated.
2) Test conditions unless otherwise stated :–
VC - VO = 5V , VP - VO = 3V , IOUT = 3A.
Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 50W.
3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to
maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal
regulation specification.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com