Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1R07 Datasheet(PDF) 2 Page - Seme LAB

Part # IP1R07
Description  3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R07 Datasheet(HTML) 2 Page - Seme LAB

  IP1R07 Datasheet HTML 1Page - Seme LAB IP1R07 Datasheet HTML 2Page - Seme LAB IP1R07 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LAB
SEME
IP1R07A
IP3R07A
IP1R07A
IP3R07A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
Part
K–Pack
G–Pack
T–Pack
V–Pack
Temp.
Number
(TO–3)
(TO–257)
(TO–220)
(TO–218)
Range
IP1R07A
-55 to +150°C
IP1R07
”
IP3R07A
0 to 125°C
IP3R07
”
Note:
To order, add the package identifier
to the part number.
eg.
IP1R07AK
Order Information
BIAS
VOLTAGE
REFERENCE
THERMAL
SHUTDOWN
CURRENT
LIMIT
POWER
INPUT
CONTROL
INPUT
INTERNAL
PASS
TRANSISTOR
CURRENT LIMIT
SENSE RESISTOR
A
V
OUTPUT
ADJUST
BLOCK DIAGRAM
121
Ω
ADJ
IP3R07A
1
µF
6V
3A
V
P
V
C
1
µF
10V
50mA
GND
10
µF *
360
Ω
1
µF **
5V
3A
V
O
V
OUT
Improves Ripple Rejection.
Improves Transient Response.
*
**
R1
R2
NOTE: VO = 1.25V 1 +
R2
R1
TYPICAL APPLICATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com