Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5560 Datasheet(PDF) 4 Page - Seme LAB

Part # IP5560
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5560 Datasheet(HTML) 4 Page - Seme LAB

  IP5560 Datasheet HTML 1Page - Seme LAB IP5560 Datasheet HTML 2Page - Seme LAB IP5560 Datasheet HTML 3Page - Seme LAB IP5560 Datasheet HTML 4Page - Seme LAB IP5560 Datasheet HTML 5Page - Seme LAB IP5560 Datasheet HTML 6Page - Seme LAB IP5560 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IP5560C
IP5560C
Prelim. 4/95
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP5560
IP5560C
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
0
0.8
2VZ
-85
-125
0
0.8
2VZ
-85
-125
-2
-10
0.7
0.8
560
600
700
400
480
500
6.2
9.5
0.7
54
60
10
3
0.5
40
5
10
15
20
24
20
30
0
0.8
2VZ
-85
-125
0
0.8
2VZ
-85
-125
-2
-10
0.7
0.8
560
600
700
400
480
500
6.2
9.5
0.7
54
60
10
3
0.5
40
5
10
15
19
24
20
30
V
µA
V
µA
µA
µs
mV
V
dB
k
Ω
MHz
V
mA
V
mA
V
Pin 9 Off
Pin 9 On
Pin 9 Sink Current
Pin 10 Off
Pin 10 On
Pin 10 Sink Current
Pin 11 IIN
Single Pulse Inhibit Delay
Trip Levels: Shut Down, Slow Start
Trip Levels: Current Limit
Output Voltage Swing (VOH)
Output Voltage Swing (VOL)
Open Loop Gain
Feedback Resistor
Small Signal Bandwidth
VCE(sat)
Output Current
Max. Emitter Voltage
Supply Current (ICC)
Supply Voltage (VCC)
Voltage at Pin 9 = 0V
TJ = Over Temp. Range
Voltage at Pin 9 = 0V
TJ = Over Temp. Range
Voltage at Pin 11 = 250mV
Inhibit Delay Time for 20%
Overdrive at 30mA IOUT
IC = 40mA
(Pin 15)
(Pin 14)
IZ = 0 , Voltage Fed , VPIN6 = 0.5V
RPIN7 = 25kΩ
TJ = Over Temp. Range
ICC = 10mA , Current Feed
ICC = 30mA , Current Feed
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
CURRENT LIMITING
ERROR AMPLIFIER
OUTPUT STAGE
SUPPLY VOLTAGE/CURRENT
EXTERNAL SYNCHRONISATION
REMOTE ON/OFF
NOTES
1) Test Conditions: VCC = 12V , TJ = 25°C unless otherwise stated
2) Tests marked TJ = Over Temp. Range apply over the full temperature range
ie.
TJ = -55 to +125°C for IP5560
TJ = 0 to +70°C for IP5560C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com