Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5560 Datasheet(PDF) 2 Page - Seme LAB

Part # IP5560
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5560 Datasheet(HTML) 2 Page - Seme LAB

  IP5560 Datasheet HTML 1Page - Seme LAB IP5560 Datasheet HTML 2Page - Seme LAB IP5560 Datasheet HTML 3Page - Seme LAB IP5560 Datasheet HTML 4Page - Seme LAB IP5560 Datasheet HTML 5Page - Seme LAB IP5560 Datasheet HTML 6Page - Seme LAB IP5560 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IP5560C
IP5560C
Prelim. 4/95
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
REFERENCE
VOLTAGE
STABILISED
SUPPLY
100
Ω
0.48V
4
3
5
SAWTOOTH
GENERATOR
0.6V
6
0.6V
1k
Ω
0.6V
R
S
START
STOP
O1
0.48V
0.6V
LATCH
0.6V
S
R
15
14
FEEDBACK
VOLTAGE
GAIN ADJUST
MODULATOR
INPUT
DUTY CYCLE
CONTROL
CURRENT
LIMITING
11
10
REMOTE
ON/OFF
116
GND
CC
V
2
z
V
Emitter
Collector
OUTPUTS
FEED
FORWARD
T
R
T
C
EXTERNAL
SYNC INPUT
DEMAGNETISATION
OVER-VOLTAGE
PROTECTION
13
9
8
7
16
CC
V
BLOCK DIAGRAM
DESCRIPTION
The IP5560 is a control circuit for use in switched mode power supplies. This single monolithic chip incorporates all the
control and supervisory (protection) functions required in switched mode power supplies, including an internal
temperature compensated reference source, internal reference, sawtooth generator, pulse width modulator, output stage
and various protection circuits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com