Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5560 Datasheet(PDF) 1 Page - Seme LAB

Part # IP5560
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5560 Datasheet(HTML) 1 Page - Seme LAB

  IP5560 Datasheet HTML 1Page - Seme LAB IP5560 Datasheet HTML 2Page - Seme LAB IP5560 Datasheet HTML 3Page - Seme LAB IP5560 Datasheet HTML 4Page - Seme LAB IP5560 Datasheet HTML 5Page - Seme LAB IP5560 Datasheet HTML 6Page - Seme LAB IP5560 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IP5560C
IP5560C
Prelim. 4/95
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
SWITCHED–MODE
POWER SUPPLY
CONTROL CIRCUIT
FEATURES
• STABILISED POWER SUPPLY
• TEMPERATURE COMPENSATED REFERENCE
SOURCE
• SAWTOOTH GENERATOR
• PULSE WIDTH MODULATOR
• REMOTE ON/OFF SWITCHING
• CURRENT LIMITING
• LOW SUPPLY VOLTAGE PROTECTION
• LOOP FAULT PROTECTION
• DEMAGNETISATION/OVERVOLTAGE PROTECTION
• MAXIMUM DUTY CYCLE CLAMP
• FEED FORWARD CONTROL
• EXTERNAL SYNCHRONISATION
SUPPLY
Voltage Sourced
Current Sourced
OUTPUT TRANSISTOR
Output Current
Collector Voltage
(Pin 15)
Maximum Emitter Voltage
(Pin 14)
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
18V
30mA
40mA
18V
5V
See Ordering Information
–65 to +150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 16 Pin Ceramic DIP
N Package – 16 Pin Plastic DIP
D Package – 16 Pin Plastic (150) SOIC
8
1
2
3
4
5
6
7
14
13
12
11
10
9
15
16
GND
CC
V
Z
V
FEEDBACK
GAIN
MODULATOR
DUTY CYCLE
CONTROL
C
T
R
T
CURRENT LIMITING
REMOTE ON/OFF
EXTERNAL SYNC
OUTPUT (EMITTER)
DEMAGNETISATION /
OVERVOLTAGE
FEED FORWARD
OUTPUT (COLLECTOR)
Part
J–Pack
N–Pack
D–16
Temp.
Number
16 Pin
16 Pin
16 Pin
Range
IP5560
-55 to +125°C
IP5560C
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP5560J
IP5560CD–16


Similar Part No. - IP5560

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP5561C SEME-LAB-IP5561C Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Injoinic Technology Co....
IP5566 INJOINIC-IP5566 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5566 INJOINIC-IP5566 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5566 INJOINIC-IP5566 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
IP5566 INJOINIC-IP5566 Datasheet
1Mb / 32P
integrated buck-boost driver
V1.01
More results

Similar Description - IP5560

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1672 NTE-NTE1672 Datasheet
29Kb / 4P
Integrated Circuit Power Supply Control Circuit
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
Switched-mode power supply control circuit
1994 Aug 31
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
Switched-mode power supply control circuit
1994 Aug 31
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
IP5661C SEME-LAB-IP5661C Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com