Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5561C Datasheet(PDF) 1 Page - Seme LAB

Part # IP5561C
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5561C Datasheet(HTML) 1 Page - Seme LAB

  IP5561C Datasheet HTML 1Page - Seme LAB IP5561C Datasheet HTML 2Page - Seme LAB IP5561C Datasheet HTML 3Page - Seme LAB IP5561C Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LAB
SEME
IP5661C
IP5561C
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
SWITCHED–MODE
POWER SUPPLY
CONTROL CIRCUIT
FEATURES
• STABILISED POWER SUPPLY
• TEMPERATURE COMPENSATED REFERENCE
SOURCE
• SAWTOOTH GENERATOR
• PULSE WIDTH MODULATOR
• CURRENT LIMITING
• 8 PIN DIP
SUPPLY
Voltage Sourced
Current Sourced
OUTPUT TRANSISTOR
Output Current
Collector Voltage
(Pin 7)
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
18V
30mA
40mA
18V
See Ordering Information
–55 to +150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 8 Pin Ceramic DIP
N Package – 8 Pin Plastic DIP
D Package – 8 Pin Plastic (150) SOIC
1
2
3
4
8
7
6
5
OUTPUT
FEEDBACK
GAIN
GND
CURRENT
SENSE
V
Z
V
CC
R
T/CT
Part
J–Pack
N–Pack
D–8
Temp.
Number
8 Pin
8 Pin
8 Pin
Range
IP5561
-55 to +125°C
IP5561C
0 to +70°C
Order Information
Note:
To order, add the package identifier to the part number.
eg.
IP5561J
IP5561CD–8
GAIN
5
SAWTOOTH
GENERATOR
LATCH
S
R
0.5V
CURRENT
SENSE
6
STABILISED
SUPPLY
18
GND
2
4
3
CC
V
z
V
FEEDBACK
ERROR
AMP
PWM
T
C
T
R
REFERENCE
VOLTAGE
CC
V
OUTPUT
7
8.2V
BLOCK DIAGRAM
DESCRIPTION
The IP5561 is a control circuit for use in switched
mode power supplies. This single monolithic chip
incorporates all the control and supervisory (protection)
functions required in switched mode power supplies,
including an inter nal temperature compensated
reference source, internal zener reference, sawtooth
generator, pulse width modulator, output stage and
cycle by cycle current limit.


Similar Part No. - IP5561C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP5560 SEME-LAB-IP5560 Datasheet
46Kb / 7P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
IP5560C SEME-LAB-IP5560C Datasheet
46Kb / 7P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Injoinic Technology Co....
IP5566 INJOINIC-IP5566 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5566 INJOINIC-IP5566 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5566 INJOINIC-IP5566 Datasheet
1Mb / 41P
A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
V1.22
More results

Similar Description - IP5561C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1672 NTE-NTE1672 Datasheet
29Kb / 4P
Integrated Circuit Power Supply Control Circuit
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
Switched-mode power supply control circuit
1994 Aug 31
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
Switched-mode power supply control circuit
1994 Aug 31
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
IP5560C SEME-LAB-IP5560C Datasheet
46Kb / 7P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com