Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5561C Datasheet(PDF) 3 Page - Seme LAB

Part # IP5561C
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5561C Datasheet(HTML) 3 Page - Seme LAB

  IP5561C Datasheet HTML 1Page - Seme LAB IP5561C Datasheet HTML 2Page - Seme LAB IP5561C Datasheet HTML 3Page - Seme LAB IP5561C Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LAB
SEME
IP5661C
IP5561C
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
FREQUENCY (Hz)
-180
-150
-120
-90
-60
-30
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
TYPICAL PERFORMANCE CHARACTERISTICS — ERROR AMPLIFIER
Open Loop Phase
Open Loop Gain
0
123
45
6
0
10
20
30
40
50
60
70
80
90
100
V
Pin 4
012
345
0
10
20
30
40
50
60
70
80
90
100
V
Pin 1
Transfer Curve of Pulse Width Modulator
Duty Cycle vs Input Voltage
Maximum Duty Cycle vs
Base Voltage on Q1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com