Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5561C Datasheet(PDF) 2 Page - Seme LAB

Part # IP5561C
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5561C Datasheet(HTML) 2 Page - Seme LAB

  IP5561C Datasheet HTML 1Page - Seme LAB IP5561C Datasheet HTML 2Page - Seme LAB IP5561C Datasheet HTML 3Page - Seme LAB IP5561C Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Internal Reference Voltage (VREF)
Temperature Coefficient of VREF
Internal Reference (VZ)
Temperature Coefficient of VZ
Frequency Range
Initial Accuracy Oscillator
Duty Cycle Range
IIN
Single Pulse Inhibit Delay
Current Limit Trip Level
Output Voltage Swing (VOH)
Output Voltage Swing (VOL)
Open Loop Gain
Feedback Resistor
Small Signal Bandwidth
VCE(sat)
Output Current
Supply Current (ICC)
Supply Voltage (VCC)
Pin 1 Threshold
TJ = Over Temp. Range
IL = -7mA
TJ = Over Temp. Range
fO = 20kHz
Vpin6 = 250mV
TJ = Over Temp. Range
Inhibit Delay Time
IOUT = 20mA
for 20% overdrive
IOUT = 40mA
IC = 20mA
TJ = Over Temp. Range
TJ = Over Temp. Range
IZ = 0, Voltage Fed
TJ = Over Temp. Range
ICC = 10mA, Voltage Fed
ICC = 30mA, Voltage Fed
3.69
3.75
3.84
3.65
3.88
±100
7.8
8.2
8.8
±200
50
100k
12
0–90
0–98
–2
–10
-20
0.88
1.10
0.7
0.8
0.40
0.50
0.60
6.2
0.7
60
10k
3
0.4
20
10
13
20
21
22
20
30
8
9
10.5
LAB
SEME
IP5661C
IP5561C
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
V
ppm/°C
V
ppm/°C
Hz
%
µA
µs
V
V
dB
Ω
MHz
V
mA
mA
V
V
3.57
3.75
3.96
3.55
3.98
±100
7.8
8.2
8.8
±200
50
100k
12
0–90
0–98
–2
–10
-20
0.88
1.10
0.7
0.8
0.40
0.50
0.60
6.2
0.7
60
10k
3
0.4
20
10
13
19
21
24
20
30
8
9
10.5
IP5561
IP5561C
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
CURRENT LIMITING
ERROR AMPLIFIER
REFERENCE SECTIONS
OSCILLATOR SECTION
OUTPUT STAGE
SUPPLY VOLTAGE/CURRENT
NOTES
1) Test Conditions: VCC = 12V , TJ = 25°C unless otherwise stated
2) Tests marked TJ = Over Temp. Range apply over the full temperature range
ie.
TJ = -55 to +125°C for IP5561
TJ = 0 to +70°C for IP5561C
LOW SUPPLY PROTECTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com