Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS0610 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS0610
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS0610 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMS0610 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
3 of 5
Characteristics Curve
Elektronische Bauelemente
SMS0610
-0.185A, -60V,RDS(ON) 7.5
P-Channel Enhancement Mode Power Mos.FET
Ω
-VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
0
5
10
15
20
25
30
-VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
0
10
20
30
40
50
60
-VGS, Gate-to-Source Voltage (V)
Figure 2. Thansfer Characteristics
1
1.5
2
2.5
3
3.5
4
4.5
Figure 6. On-Resistance Variation with
Drain Current and Gate Voltage.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.8
Figure 5. On-Resistance Variation
with Gate-to-Source Voltage.
2
4
6
8
10
-50 -25
0
25
50
75
100 125 150
Figure 4. On-Resistance Variation
with Temperature
VGS = -10V
-3.0V
-4.0V
-3.5V
-4.5V
-2.0V
-6.0V
1.0
0.8
0.6
0.4
0.2
0.0
1.2
1.4
-55 C
o
25 C
o
TA = 125 C
o
VDS = -10V
1.0
0.8
0.6
0.4
0.2
0.0
1.2
Ciss
Coss
60
40
20
0
80
100
Crss
Tj
, Junction Temperature ( C)
o
VGS = -10V
ID = -0.5A
-VGS, Gate-to-Source Voltage (V)
ID = -0.25A
TA = 125 C
o
TA = 25 C
o
0
1
2
3
4
5
VGS = -3.0V
-3.5V
-4.0V
-4.5V
-5.0V
-5.5V
-ID, Drain Current (A)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com