Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS0610 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS0610
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS0610 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SMS0610 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
5 of 5
Elektronische Bauelemente
SMS0610
-0.185A, -60V,RDS(ON) 7.5
P-Channel Enhancement Mode Power Mos.FET
Ω
Figure 11. Switching Test Circuit
VGS
RGEN
VOUT
VDD
VIN
D
RL
G
S
Figure 12. Switching Waveforms
INVERTED
PULSE WIDTH
tr
td(on)
VOUT
VIN
ton
toff
td(off)
tf
10%
50%
50%
90%
10%
90%
10%
90%
Figure 13. Normalized Thermal Transient Impedance Curve
t1
t2
PDM
1. RθJA(t) = r(t)*RθJA
2. RθJA = see datasheet
3. TJM - TA = PDM*RθJA(t)
4. Duty Cycle, D = t1/t2
10
10
10
10
10
10
1
-4
-3
-2
-1
2
0.001
0.01
0.05
0.1
0.2
0.5
1
Single Pulse
Duty Cycle = 0.5
0.2
0.1
0.0.5
0.02
0.01
Square Wave Pulse Duration (sec)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com