Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS0610 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS0610
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS0610 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMS0610 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMS0610 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
4 of 5
Elektronische Bauelemente
SMS0610
-0.185A, -60V,RDS(ON) 7.5
P-Channel Enhancement Mode Power Mos.FET
Ω
t1, Time (sec)
0.01
0.1
1
10
100
Figure 7. Single Pulse Maximum
Power Dissipation
1
10
60 100
10
1
0.1
0.01
-VSD
, Body Diode Forward Voltage (V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
0.2
0.4
0.6
0.8
1.0
1.2
Figure 9. Gate Charge
Qg
, Total Gate Charge (nC)
0
0.4
0.8
1.2
1.6
2.0
0.001
-VDS
, Drain-to-Source Voltage (V)
Figure 10. Maximum Safe
Operating Area
Single Pulse
RθJA = 350 C/W
TA = 25 C
o
o
0
1
2
3
4
5
VGS = 0V
TA = 125 C
o
25 C
o
-55 C
o
0
20
40
60
80
100
ID = -0.5A
VDS = -12V
-48V
-24V
VGS = 10V
Single Pulse
TA = 25 C
o
RDS(ON)
Limit
10ms
100ms
1s
DC
10s
1ms
100us
0.0001
0.001
0.01
0.1
1
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com