Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15R12VT3 Datasheet(PDF) 1 Page - eupec GmbH

Part # FS15R12VT3
Description  IGBT-modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS15R12VT3 Datasheet(HTML) 1 Page - eupec GmbH

  FS15R12VT3 Datasheet HTML 1Page - eupec GmbH FS15R12VT3 Datasheet HTML 2Page - eupec GmbH FS15R12VT3 Datasheet HTML 3Page - eupec GmbH FS15R12VT3 Datasheet HTML 4Page - eupec GmbH FS15R12VT3 Datasheet HTML 5Page - eupec GmbH FS15R12VT3 Datasheet HTML 6Page - eupec GmbH FS15R12VT3 Datasheet HTML 7Page - eupec GmbH FS15R12VT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Technische Information / technical information
FS15R12VT3
IGBT-Module
IGBT-modules
Vorläufige Daten / preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
!"
#
"
$%& ' ()*
+,-.
/
+
0
"
0*
$, '
)*1 $%& ' /( )*
$, ' ()*1 $%& ' /( )*
, 234
,
/(
5
5
#
6
"
7 ' / "
,89
:
5
" +
;
$, ' ()*1 $%& ' /( )*
<3<
=1
>
!"
#
6
"
+?-.
@A
+
Charakteristische Werte / characteristic values
"
" B
!"
#C
"
, ' /( 51 +?- ' /( +
, ' /( 51 +?- ' /( +
+,- DE<
/1F
/1G
1/(
+
+
$%& ' ()*
$%& ' / ()*
#
;
, ' 1= "51 +,- ' +?-1 $%& ' ()*
+?-<H
(1
(1
=1(
+
+?- ' /( +
@/( +
I?
1/(
J*
;
$%& ' ()*
K?L2<
1
M
!
6 C
' / NO61 $%& ' ()*1 +,- ' ( +1 +?- '
+
*LPD
/1/
Q
KR
;
6 C
' / NO61 $%& ' ()*1 +,- ' ( +1 +?- '
+
*SPD
1
Q
!"
K
"
"
+,- ' /
+1 +?- '
+1 $%& ' ()*
,-.
/1
"5
!"
K
"
"
+,- '
+1 +?- '
+1 $%& ' ()*
?-.
/
5
!
6T
6
U
V
W
" U
W
, ' /( 51 +,- ' =
+
+?- ' X/( +
K?32 ' = M
Y 32
1
F
1
F
J
J
$%& ' ()*
$%& ' / ()*
5
6
U
V
W
" U
W
, ' /( 51 +,- ' =
+
+?- ' X/( +
K?32 ' = M
S
1
1
(
J
J
$%& ' ()*
$%& ' / ()*
5
6T
6
U
V
W
" U
W
, ' /( 51 +,- ' =
+
+?- ' X/( +
K?3ZZ ' = M
Y 3ZZ
1:F
1 F
J
J
$%& ' ()*
$%& ' / ()*
Q
6
U
V
W
" U
W
, ' /( 51 +,- ' =
+
+?- ' X/( +
K?3ZZ ' = M
Z
1 F(
1/
J
J
$%& ' ()*
$%& ' / ()*
!
, ' /( 51 +,- ' =
+
+?- ' X/( +1 V. ' =
O
K?32 ' = M
!32
/1((
/1G(
"[
"[
$%& ' ()*
$%& ' / ()*
5
, ' /( 51 +,- ' =
+
+?- ' X/( +1 V. ' =
O
K?3ZZ ' = M
!3ZZ
1G(
/1 (
"[
"[
$%& ' ()*
$%& ' / ()*
6
\
#*
7 ] / J 1 +?- ] /( +
$%& ' / ()*1 +,, ' G
+1 +,-4E^ ' +,-. VD,- _ A
.,
=
5
>C " ;
"
1 `
a$
a$
K<Hb,
/1:
/1 (
A>
c
>C " ;
"
1
a$ A
a$
d7ED<P ' / >AU"_ W A
deSPEDP ' / >AU"_ W
K<H,f
1=
A>


Similar Part No. - FS15R12VT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS15R12VT3 INFINEON-FS15R12VT3 Datasheet
447Kb / 7P
IGBT-Module
2013-10-03 revision:2.0
More results

Similar Description - FS15R12VT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com