Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15R12VT3 Datasheet(PDF) 3 Page - eupec GmbH

Part # FS15R12VT3
Description  IGBT-modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS15R12VT3 Datasheet(HTML) 3 Page - eupec GmbH

  FS15R12VT3 Datasheet HTML 1Page - eupec GmbH FS15R12VT3 Datasheet HTML 2Page - eupec GmbH FS15R12VT3 Datasheet HTML 3Page - eupec GmbH FS15R12VT3 Datasheet HTML 4Page - eupec GmbH FS15R12VT3 Datasheet HTML 5Page - eupec GmbH FS15R12VT3 Datasheet HTML 6Page - eupec GmbH FS15R12VT3 Datasheet HTML 7Page - eupec GmbH FS15R12VT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technische Information / technical information
FS15R12VT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Modul / module
R
KN#1 ' ( O61 ' / "
+j.kl
1(
+
N
R
"
5 m n
R
T
A
"
A
"
"
(1
/ 1
""
V
R
T
A
"
A
"
"
:1
F1
""
+
6
;
"
B
*$
o
(
"
" B
N
C
"
VD,-
O
N
;
1
5
R
*
"
1
"
$, ' ()*1
#
A
;
K,,pq--p
Krrpq,,p
F1
F1
"M
OT
6 C
#
"
" B " " `
"
>
1 a " *
A
1 a
*
$%& 4E^
/(
)*
$ "
" #
"
;
>
1 a " *
A
1 a
*
$%& 3s
/ (
)*
V
"
"
$D<e
/ (
)*
5
\
R "
a
Q
"
"
Q
:
(
t
;
;
/
With additional insulation of the mounting clamp higher values of creepage and clearance distances to
the heatsink can be achieved. For more information call your responsible sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com