Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15R12VT3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS15R12VT3
Description  IGBT-modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS15R12VT3 Datasheet(HTML) 2 Page - eupec GmbH

  FS15R12VT3 Datasheet HTML 1Page - eupec GmbH FS15R12VT3 Datasheet HTML 2Page - eupec GmbH FS15R12VT3 Datasheet HTML 3Page - eupec GmbH FS15R12VT3 Datasheet HTML 4Page - eupec GmbH FS15R12VT3 Datasheet HTML 5Page - eupec GmbH FS15R12VT3 Datasheet HTML 6Page - eupec GmbH FS15R12VT3 Datasheet HTML 7Page - eupec GmbH FS15R12VT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS15R12VT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
#
6
$%& ' ()*
+889
/
+
0
"
0*
;
g
/(
5
#
6
"
;
7 ' / "
g89
:
5
6
h
+8 '
+1 7 ' / " 1 $%& ' / ()*
h
=F1
5h
Charakteristische Werte / characteristic values
"
" B
0
;
g ' /( 51 +?- '
+
g ' /( 51 +?- '
+
+g
/1=(
/1=(
1/
+
+
$%& ' ()*
$%& ' / ()*
KR
"
6
g ' /( 51
gA
' G
5AJ
+8 ' =
+
+?- ' /( +
89
:1
:1
5
5
$%& ' ()*
$%& ' / ()*
#
6T
g ' /( 51
gA
' G
5AJ
+8 ' =
+
+?- ' /( +
IS
/1F(
1
J*
J*
$%& ' ()*
$%& ' / ()*
5
g ' /( 51
gA
' G
5AJ
+8 ' =
+
+?- ' /( +
!SPi
1(
1G
"[
"[
$%& ' ()*
$%& ' / ()*
>C " ;
"
1 `
0
K<Hb,
/1G(
1/(
A>
c
>C " ;
"
1
0
A
d7ED<P ' / >AU"_ W A
deSPEDP ' / >AU"_ W
K<H,f
1=(
A>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com