Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC Datasheet(PDF) 3 Page - HolyStone International

Part # FSC
Description  Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

FSC Datasheet(HTML) 3 Page - HolyStone International

  FSC Datasheet HTML 1Page - HolyStone International FSC Datasheet HTML 2Page - HolyStone International FSC Datasheet HTML 3Page - HolyStone International FSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSC Series-Stacked Capacitors
Holy Stone
Capacitance Range
-3 -
1A
124
114
983
843
195
125
724
284
815
495
365
744
2A
244
224
194
164
395
245
145
564
166
985
725
145
3A
364
334
294
254
575
365
215
844
246
146
106
225
4A
484
444
394
334
765
485
285
115
326
196
146
295
5A
604
554
494
424
955
605
365
145
406
246
186
375
1B
184
174
154
134
305
205
115
444
136
795
585
125
2B
364
344
304
264
305
405
225
884
266
156
116
245
3B
544
514
454
394
905
605
335
135
396
236
176
365
4B
724
684
604
524
126
805
445
175
526
316
236
485
5B
904
854
754
654
156
106
555
225
656
396
296
605
1C
354
324
304
244
565
375
215
844
246
146
106
225
2C
704
644
604
484
116
745
425
165
486
286
206
445
3C
105
964
904
724
166
116
635
255
726
426
306
665
4C
145
125
125
964
226
146
845
335
966
566
406
885
5C
175
165
155
125
286
186
106
425
127
706
506
116
1D
654
604
554
454
985
665
385
155
446
266
196
405
2D
135
125
115
904
196
136
765
305
886
526
386
805
3D
195
185
165
135
296
196
116
455
137
786
576
126
4D
265
245
225
185
396
266
156
605
177
107
766
166
5D
325
305
275
225
496
336
196
755
227
137
956
206
1E
654
604
554
454
985
665
385
155
446
266
196
405
2E
135
125
115
904
196
136
765
305
886
526
386
805
3E
195
185
165
135
296
196
116
455
137
786
576
126
4E
265
245
225
185
396
266
156
605
177
107
766
166
5E
325
305
275
225
496
336
196
755
227
137
956
206
1F
774
714
654
564
126
845
455
195
556
336
246
505
2F
155
145
135
115
246
166
905
385
117
666
486
106
3F
235
215
195
165
366
256
136
575
167
996
726
156
4F
305
285
265
225
486
336
186
765
227
137
966
206
5F
385
355
325
285
606
426
226
955
277
167
127
256
1G
145
135
125
984
226
156
855
335
986
596
436
865
2G
285
265
245
195
446
306
176
665
197
117
866
176
3G
425
395
365
295
666
456
256
995
297
177
127
256
4G
566
435
485
395
886
606
346
136
397
237
177
346
5G
705
655
605
495
117
756
426
166
497
297
217
436
1H
185
165
155
125
286
196
106
425
127
766
566
116
2H
365
325
305
245
566
386
206
845
247
157
117
226
3H
545
485
455
365
846
576
306
126
367
227
167
336
4H
725
645
605
485
117
766
406
166
487
307
227
446
5H
905
805
755
605
147
956
506
216
607
387
287
556
1J
454
424
394
324
705
485
275
105
316
186
136
285
2J
904
844
784
644
146
965
545
205
626
366
266
565
3J
135
125
115
964
216
146
815
305
936
546
396
845
4J
185
165
155
125
286
196
106
405
127
726
536
116
5J
225
215
195
165
356
246
136
505
137
906
656
146
1K
454
424
394
324
705
485
275
105
316
186
136
285
2K
904
844
784
644
146
965
545
205
626
366
266
565
3K
135
125
115
964
216
146
815
305
936
546
396
845
4K
185
165
155
125
286
196
106
405
127
726
536
116
5K
225
215
195
165
356
246
136
505
137
906
656
146
1L
104
923
853
703
165
105
584
254
715
435
315
624
2L
204
184
174
144
325
205
115
504
146
865
625
125
3L
304
274
254
214
485
305
175
754
216
126
935
185
4L
404
364
344
284
645
405
234
105
286
176
126
245
5L
504
464
424
354
805
505
295
125
356
216
156
315
50V
100V
Size
Code
50V
100V
200V
200V
500V
NPO Maximum Capacitanc
X7R Maximum Capacitance
BX Maximum Capacitance
200V
500V
50V
100V
500V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com