Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC Datasheet(PDF) 1 Page - HolyStone International

Part # FSC
Description  Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

FSC Datasheet(HTML) 1 Page - HolyStone International

  FSC Datasheet HTML 1Page - HolyStone International FSC Datasheet HTML 2Page - HolyStone International FSC Datasheet HTML 3Page - HolyStone International FSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Summary of Specification
Operating Temperature
-55 to +125
Rated Voltage
50Vdc to 500Vdc
Temperature Coefficient of
Capacitance
NPO :
≤
± 30ppm/
, -55 to +125
(EIA Class Ι )
X7R :
≤
± 15%
, -55 to +125
(EIA Class Ⅱ )
Capacitance Range
NPO: 70nF to 9.0uF
X7R : 620nF to 600uF
Dissipation Factor :
NPO : Q 1000 at 1KHz
X7R : 2.5%max. at 1KHz
Insulation Resistance
10GΩ or 500/C Ω whichever is smaller
Aging
NPO : 0% , X7R : 2.5% per decade of time
Dielectric Withstanding Voltage
V
≤50V
; 250% Rated Voltage
100V
≤ V <500V ; 200% Rated Voltage
500V
≤ V <1KV ; 150% Rated Voltage
Tolerance
± 1% & ± 2% tolerances are only available in NPO
High CV MLCC design, effectively can replace Tantalum
and Aluminum electolytics
Inherently low ESR.
N leads for through hole applications and J or L lead
configuration for surface mount with stress relief against
board flexure and thermal excursions.
High reliability testing available including space level
screening.
BME designs for extended cap ranges are also
avaialble--contact foactory for details.
Custom sizes and values available--contact factory for
details or to define your needs.
Power supplies
DC-DC converters
Surge protection
Industrial control circuits
Snubbers
Filtering, smoothing, and decoupling application
HIREL applications
Custom applications
Features
Application
-1 -
Large Size Multilayer Ceramic Chip Capacitors
[Large Stacked Capacitors]
FSC Series
FSC Series-Stacked Capacitors
Holy Stone
MLCC Design, Suitable for Switchmode Power Supply Filters
FSC
3A
J
X
224
K
501
Product
Code
FSC:
Large Size
Multilayer
Ceramic
Chip
Capacitor
Stack and
Size
The first digit:
# of chips in
stack
Second Digit:
Chip Size
A
B
C
D
Lead
Configuration
Ex.:
J :J Lead
L :L Lead
N:Straight
Lead
Material
Ex.:
N: NPO
X: X7R
M: BX/BR/BQ
Capacitance
(pF)
Ex.:
103:10x103
224:22x104
475:47x105
Tolerance
Ex.:
F: +/-1.0%
G: +/-2.0%
J: +/-5.0%
K: +/- 10%
M: +/- 20%
Rated
Voltage
Ex.:
050:50Vdc
101:100Vdc
201:200Vdc
501:500Vdc
Packaging
B: Bulkl
W: Waffle
pack
Special Test
Requirement
Blank:
Standard
electrical test
H:
Hi-Rel
Testing
Special
Requirement
Blank:
No special
requirement
01~99:
Customer
special
requirement
How To Order
H
W
01
Revision date : 2010.07.16


Similar Part No. - FSC

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
FAN SPEED CONTROLLER
R2_0215
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
SC connector, SM, High-end, UPC, blue
FSC-CMAX-A600_100-P HUBERSUHNER-FSC-CMAX-A600_100-P Datasheet
289Kb / 2P
SC connector, SM, High-end, APC, green
FSC-CMAX-B101_100-P HUBERSUHNER-FSC-CMAX-B101_100-P Datasheet
289Kb / 2P
SC connector, G50/125, G62.5/125, PC, beige
FSC-CMAX-D101_100-P HUBERSUHNER-FSC-CMAX-D101_100-P Datasheet
289Kb / 2P
SC connector, HCS200/230, PC, beige
More results

Similar Description - FSC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41605 EPCOS-B41605 Datasheet
147Kb / 7P
Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
Large size Aluminum electrolytic capacitors
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
HolyStone International
HSC HOLYSTONECAPS-HSC Datasheet
219Kb / 4P
High Temperature and Large Size Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
B41605 TDK-B41605 Datasheet
753Kb / 18P
Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
B43508 TDK-B43508 Datasheet
534Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
B43652 TDK-B43652 Datasheet
1Mb / 15P
Large-size capacitors
October 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com