Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC Datasheet(PDF) 4 Page - HolyStone International

Part # FSC
Description  Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

FSC Datasheet(HTML) 4 Page - HolyStone International

  FSC Datasheet HTML 1Page - HolyStone International FSC Datasheet HTML 2Page - HolyStone International FSC Datasheet HTML 3Page - HolyStone International FSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-4 -
Other Stacked configuration on other sizes, capacitance values and voltages rating are available. Please contact HEC.
Other Stacked configuration on other sizes, capacitance values and voltages rating are available. Please contact HEC.
*Soldering And Handling Precautions:
The recommended method for soldering large SMC capacitor, is reflow soldering. Wave soldering and manual soldering with Iron is not
recommended. Ceramic capacitors must be preheated with less than 2ºC/sec rate to about 50ºC below the reflow temperature. Sudden
increase, or decrease in temperature more than the recommended rate, during soldering, may cause internal thermal cracks.
FSC Series-Stacked Capacitors
Holy Stone
Capacitance Range
1M
104
923
853
703
165
105
584
254
715
435
315
624
2M
204
184
174
144
325
205
115
504
146
865
625
125
3M
304
274
254
214
485
305
175
754
216
126
935
185
4M
404
364
344
284
645
405
234
105
286
176
126
245
5M
504
464
424
354
805
505
295
125
356
216
156
315
1N
154
134
124
104
245
165
904
364
106
635
465
944
2N
304
264
244
204
485
325
185
724
206
126
925
185
3N
454
394
364
304
725
485
275
105
306
186
136
285
4N
604
524
484
404
965
645
365
145
406
256
186
375
5N
754
654
604
504
126
805
455
185
506
316
236
475
1P
154
134
124
104
245
165
904
364
106
635
465
944
2P
304
264
244
204
485
325
185
724
206
126
925
185
3P
454
394
364
304
725
485
275
105
306
186
136
285
4P
604
524
484
404
965
645
365
145
406
256
186
375
5P
754
654
604
504
126
805
455
185
506
316
236
475
1Q
204
184
174
144
325
215
125
474
146
855
635
125
2Q
404
364
344
284
645
425
245
945
286
176
126
245
3Q
604
544
514
424
965
635
365
145
426
256
186
365
4Q
804
724
684
564
126
845
485
185
566
346
256
485
5Q
105
904
854
704
166
106
605
235
706
426
316
605
1R
125
115
105
914
206
136
765
255
896
546
396
785
2R
243
225
205
185
406
266
156
505
177
107
786
156
3R
365
335
305
275
606
396
226
755
267
167
117
236
4R
485
445
405
365
806
526
306
106
357
217
157
216
5R
605
555
505
455
107
656
386
126
447
277
197
396
1S
185
165
155
125
286
196
106
385
127
766
566
116
2S
365
325
305
245
566
386
206
765
247
157
117
226
3S
545
485
455
365
846
576
306
116
367
227
167
336
4S
725
645
605
485
117
766
406
156
487
307
227
446
5S
905
805
755
605
147
956
506
196
607
387
287
556
1T
204
184
174
144
325
215
125
474
146
855
635
125
2T
404
364
344
284
645
425
245
945
286
176
126
245
3T
604
544
514
424
965
635
365
145
426
256
186
365
4T
804
724
684
564
126
845
485
185
566
346
256
485
5T
105
904
854
704
166
106
605
235
706
426
316
605
1U
304
274
254
214
475
315
175
704
206
116
905
185
2U
604
544
505
424
945
625
345
145
406
226
186
365
3U
904
814
754
634
146
935
515
215
606
336
276
545
4U
125
105
105
844
186
126
685
285
806
446
366
725
5U
155
135
125
105
236
156
855
355
127
556
456
905
1V
304
274
254
214
475
315
175
704
206
116
905
185
2V
604
544
505
424
945
625
345
145
406
226
186
365
3V
904
814
754
634
146
935
515
215
606
336
276
545
4V
125
105
105
844
186
126
685
285
806
446
366
725
5V
155
135
125
105
236
156
855
355
127
556
456
905
1W
564
504
464
394
845
605
335
135
386
226
176
345
2W
115
105
924
784
166
126
665
265
766
446
346
685
3W
165
155
135
115
256
186
995
395
117
666
516
106
4W
225
205
185
155
226
246
135
525
157
886
686
136
5W
285
255
235
195
426
306
165
655
197
117
856
176
1X
564
504
464
394
845
605
335
135
386
226
176
345
2X
115
105
924
784
166
126
665
265
766
446
346
685
3X
165
155
135
115
256
186
995
395
117
666
516
106
4X
225
205
185
155
226
246
135
525
157
886
686
136
5X
285
255
235
195
426
306
165
655
197
117
856
176
Size
Code
NPO Maximum Capacitanc
BX Maximum Capacitance
X7R Maximum Capacitance
50V
100V
200V
500V
50V
100V
200V
500V
200V
500V
50V
100V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com