Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD08100QP9B2 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100QP9B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100QP9B2 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD08100QP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2008.04
63VAC/ 130℃
℃
℃
℃
110VAC/ 120℃
℃
℃
℃
110VAC/ 140℃
℃
℃
℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL04620□A363
62
85
130
63
0.7
6.5
5.0
0.6
10.5
√
√
PPL05200□A363
20
150
240
63
1.0
7.0
5.0
0.6
10.5
√
√
PPL088R0□A363
8.0
250
380
63
3.0
10
5.0
0.6
13.5
√
√
PPL104R9□A363
4.9
320
500
63
4.3
12
5.0
0.6
15.5
√
√
PPL123R3□A363
3.3
450
690
63
5.5
14
5.0
0.6
17.5
√
√
PPL162R2□A363
2.2
700
1100
63
8.0
17.5
5.0
0.6
21.5
√
√
PPL201R2□A363
130±10
1.2
1000
1500
63
10.0
22
5.0
0.6
25.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL126R8□A2A1
6.8
290
660
110
1.0
14
4.5
0.6
17.5
√
√
PPL12100□A2A1
10
220
500
110
1.0
14
4.5
0.6
17.5
√
√
PPL164R7□A2A1
120±10
4.7
390
900
110
2.0
17.5
5.0
0.6
21.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL05280□A4A1
28
130
260
110
0.6
7.0
5.0
0.6
10.5
PPL05400□A4A1
40
110
220
110
0.5
7.0
5.0
0.6
10.5
PPL05550□A4A1
55
93
186
110
0.45
7.0
5.0
0.6
10.5
PPL05121□A4A1
120
65
130
110
0.3
7.0
5.0
0.6
10.5
PPL05241□A4A1
240
47
94
110
0.2
7.0
5.0
0.6
10.5
√
√
PPL07120□A4A1
12
210
420
110
1.4
9.0
5.0
0.6
12.5
PPL07190□A4A1
19
170
340
110
1.0
9.0
5.0
0.6
12.5
PPL088R0□A4A1
8.0
270
540
110
2.2
10
5.0
0.6
13.5
PPL089R4□A4A1
9.4
250
500
110
2.0
10
5.0
0.6
13.5
PPL105R3□A4A1
5.3
360
720
110
3.5
12
5.0
0.6
15.5
PPL106R7□A4A1
6.7
320
640
110
3.0
12
5.0
0.6
15.5
PPL123R8□A4A1
3.8
450
900
110
5.0
14
5.0
0.6
17.5
PPL124R6□A4A1
4.6
410
820
110
4.5
14
5.0
0.6
17.5
PPL162R1□A4A1
2.1
710
1420
110
8.5
17.5
5.0
0.6
21.5
PPL162R9□A4A1
2.9
600
1200
110
7.2
17.5
5.0
0.6
21.5
PPL201R3□A4A1
1.3
1000
2000
110
13
22
5.0
0.6
25.5
PPL201R7□A4A1
140±10
1.7
880
1760
110
11
22
5.0
0.6
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com