Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD08100QP9B2 Datasheet(PDF) 15 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100QP9B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100QP9B2 Datasheet(HTML) 15 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD08100QP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
15
www.thinking.com.tw
2008.04
Packaging
Taping Specification
Lead Space 7.5mm (P0=12.7mm)
Lead Space 2.5mm & 5.0mm & 7.5mm (P0=15mm)
Lead Space 2.5mm & 5.0mm (P0=12.7mm)
∆ h
∆ h
T
P0
P2
W
W2
W1
W0
P1
D0
P
∆
P
∆
P
H0
H1
t
D0
P
P0
P1
P2
∆
P
∆
P
H0
H1
W
W2
W1
W0
∆ h
∆ h
T
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com