Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD08100QP9B2 Datasheet(PDF) 11 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100QP9B2
Description  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100QP9B2 Datasheet(HTML) 11 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD08100QP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd PPD08100QP9B2 Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
11
www.thinking.com.tw
2008.04
500VAC/ 120℃
℃
℃
℃
600VAC/ 90℃
℃
℃
℃
600VAC/ 100℃
℃
℃
℃
Non-coating Series
Note: □=Tolerance of R25
Note: UL/cUL File No. E138827
CQC File No. CQC03001008123~124
TUV File No. R50025585
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL05122□A2E0
1200
15
30
500
0.1
7.0
5.0
0.6
10.5
√
√
PPL05152□A2E0
120±10
1500
12
24
500
0.1
7.0
5.0
0.6
10.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL05801□P9F0
800
18
36
600
0.3
7.0
5.0
0.6
10.5
PPL05102□P9F0
1000
15
30
600
0.3
7.0
5.0
0.6
10.5
PPL05132□P9F0
90±10
1300
13
26
600
0.3
7.0
5.0
0.6
10.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL05152□A0F0
1500
14
28
600
0.1
7.0
5.0
0.6
10.5
√
√
PPL05272□A0F0
100±10
2700
10
20
600
0.2
7.0
5.0
0.6
10.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL07131□A2C8
130
45
90
380
1
7.5
7
0.6
12.5
√
√
PPL08700□A2C8
70
64
127
380
1.4
8.5
7.0
0.6
13.5
√
√
PPL08121□A2C8
120
49
100
380
1.4
8.5
7.0
0.6
13.5
√
√
PPL08151□A2C8
150
43
86
380
1.4
8.5
7.0
0.6
13.5
√
√
PPL11250□A2C8
25
123
245
380
2.0
12.5
7.0
0.6
16.5
√
√
PPL11500□A2C8
50
87
173
380
2.0
12.5
7.0
0.6
16.5
√
√
PPL11800□A2C8
80
69
137
380
2.0
12.5
7.0
0.6
16.5
√
√
PPL11121□A2C8
120
56
112
380
2.0
12.5
7.0
0.6
16.5
√
√
PPL11151□A2C8
150
50
100
380
2.0
12.5
7.0
0.6
16.5
√
√
PPL08501□A2E0
120±10
500
24
48
500
1.0
8.5
7.0
0.6
13.5
√
√
PPL08112□A2E0
1100
16
32
500
1.0
8.5
7.0
0.6
13.5
√
√
PPL11501□A2E0
120±10
500
28
55
500
1.4
12.5
7.0
0.6
16.5
√
√
PPL11752□A1J0
110±10
7500
8
17
1000
0.5
12.5
7.0
0.6
16.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com