Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1501-FSZ Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS1501-FSZ
Description  Digital Power Factor Correction Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1501-FSZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS1501-FSZ Datasheet HTML 2Page - Cirrus Logic CS1501-FSZ Datasheet HTML 3Page - Cirrus Logic CS1501-FSZ Datasheet HTML 4Page - Cirrus Logic CS1501-FSZ Datasheet HTML 5Page - Cirrus Logic CS1501-FSZ Datasheet HTML 6Page - Cirrus Logic CS1501-FSZ Datasheet HTML 7Page - Cirrus Logic CS1501-FSZ Datasheet HTML 8Page - Cirrus Logic CS1501-FSZ Datasheet HTML 9Page - Cirrus Logic CS1501-FSZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS1501
6
DS927PP6
3.2 Absolute Maximum Ratings
Notes: 4. The CS1501 has an internal shunt regulator that limits the voltage on the VDD pin. VZ, the shunt regulation voltage,
is defined in the VDD Supply Voltage section of the Characteristics and Specifications section on the previous page.
5. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power
dissipation at the rate of 50mW/ °C for variation over temperature.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Pin
Symbol
Parameter
Value
Unit
8VDD
IC Supply Voltage
VZ
V
1,3,4,5
-
Analog Input Maximum Voltage
-0.5 to VZ
V
1,3,4,5
-
Analog Input Maximum Current
50
mA
7VGD
Gate Drive Output Voltage
-0.3 to VZ
V
7IGD
Gate Drive Output Current
-1.0 / +0.5
A
-PD
Total Power Dissipation @ TA =50 °C
600
mW
-
JA
Junction-to-Ambient Thermal Impedance
107
°C/W
-TA
Operating Ambient Temperature Range1
-40 to +125
°C
-TJ
Junction Temperature Operating Range
-40 to +125
°C
-TStg
Storage Temperature Range
-65 to +150
°C
All Pins
ESD
Electrostatic Discharge Capability
Human Body Model
Machine Model
Charged Device Model
2000
200
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com