Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1501-FSZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1501-FSZ
Description  Digital Power Factor Correction Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1501-FSZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS1501-FSZ Datasheet HTML 1Page - Cirrus Logic CS1501-FSZ Datasheet HTML 2Page - Cirrus Logic CS1501-FSZ Datasheet HTML 3Page - Cirrus Logic CS1501-FSZ Datasheet HTML 4Page - Cirrus Logic CS1501-FSZ Datasheet HTML 5Page - Cirrus Logic CS1501-FSZ Datasheet HTML 6Page - Cirrus Logic CS1501-FSZ Datasheet HTML 7Page - Cirrus Logic CS1501-FSZ Datasheet HTML 8Page - Cirrus Logic CS1501-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS1501
4
DS927PP6
3. CHARACTERISTICS AND SPECIFICATIONS
3.1
Electrical Characteristics
Typical characteristics conditions:
TA =25°C, VDD = 13V, GND = 0V
All voltages are measured with respect to GND.
Unless otherwise specified, all current are positive when
flowing into the IC.
Minimum/Maximum characteristics conditions:
TJ = -40° to +125°C, VDD = 10V to 15V, GND = 0V
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
Operating Range
After Turn-on
VDD
7.9
-
17.0
V
Turn-on Threshold Voltage
VDD Increasing
VDD(on)
9.8
10.2
10.5
V
Turn-off Threshold Voltage (UVLO)
VDD Decreasing
VDD(off)
7.9
8.1
8.3
V
UVLO Hysteresis
VHys
-2.1
-
V
Zener Voltage
IDD =20mA
VZ
17.0
17.9
18.7
V
VDD Supply Current
Startup Supply Current
VDD =VDD(on)
IST
-68
80
A
Operating Supply Current 3
CL = 1nF, fsw = 70kHz
IDD
-1.5
1.7
mA
Standby Supply Current
STBY < 0.8V
ISB
-80
112
A
Reference
Reference Current
Iref
-
129
-
A
PFC Gate Drive
Output Source Resistance
IGD = 100mA, VDD =13V
ROH
-9
-
Output Sink Resistance
IGD = -200mA, VDD =13V
ROL
-6
-
Rise Time 3
CL =1nF, VDD =13V
tr
-32
45
ns
Fall Time 3
CL =1nF, VDD =13V
tf
-15
25
ns
Output Voltage Low State
IGD = -200mA, VDD =13V
Vol
-
0.9
1.3
V
Output Voltage High State
IGD = 100mA, VDD =13V
Voh
11.3
11.8
-
V
Zero-current Detection (ZCD)
ZCD Threshold
VZCD(th)
-50
-
mV
ZCD Blanking
tZCB
-
200
-
ns
ZCD Sink/Source Current
VZCD =50mV
IZCD
-2
-1
2
mA
Upper Voltage Clamp
IZCD =1mA
VCLP
-VDD
-V
Overvoltage Protection (OVP)
IFB Current at Startup Mode
IIFB(startup)
-116
-
A
IFB Current at Normal Mode
IIFB(norm)
-
129
-
A
OVP Threshold
Iref =129AIOVP
-
136
-
A
OVP Hysteresis
Iref =129AIOVP(Hy)
-2
-
A
Overcurrent Protection (OCP)
Current Sense Reference Clamp
VCS(clamp)
-1.0
-
V
Threshold on Current Sense
VCS(th)
-0.5
-
V
Leading Edge Blanking
tLEB
-
300
-
ns
Delay to Output
tCS
-60
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com