Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1501-FSZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS1501-FSZ
Description  Digital Power Factor Correction Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1501-FSZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS1501-FSZ Datasheet HTML 3Page - Cirrus Logic CS1501-FSZ Datasheet HTML 4Page - Cirrus Logic CS1501-FSZ Datasheet HTML 5Page - Cirrus Logic CS1501-FSZ Datasheet HTML 6Page - Cirrus Logic CS1501-FSZ Datasheet HTML 7Page - Cirrus Logic CS1501-FSZ Datasheet HTML 8Page - Cirrus Logic CS1501-FSZ Datasheet HTML 9Page - Cirrus Logic CS1501-FSZ Datasheet HTML 10Page - Cirrus Logic CS1501-FSZ Datasheet HTML 11Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CS1501
10
DS927PP6
5.3 Burst Mode
Burst mode is utilized to improve system efficiency when the
system output power (Po) is <5% of nominal. Burst mode is
implemented by intermittently disabling the PFC over a full
half-line period under light-load conditions, as shown in
Figure 15.
Figure 15. Burst Mode
5.4 Output Power and PFC Boost Inductor
In normal operating mode, the nominal output power is
estimated by the following equation.
where:
Po
rated output power of the system
efficiency of the boost converter (estimated as 100%
by the PFC algorithm)
Vin(min) minimum RMS line voltage is 90V, measured after
the rectifier and EMI filter
Vlink
nominal PFC output voltage (must be 400V)
fmax
maximum switching frequency is 70kHz
LB
boost inductor specified by rated power requirement
<1
margin factor to guarantee rated output power (Po)
against boost inductor tolerances.
Equation 1 is provided for explanation purposes only. Using
substituted required design values for Vlink and fmax gives the
following equation:
Changing the value for the Vlink voltage is not recommended.
Solving Equation 2 for the PFC boost inductor, LB, gives the
following equation:
If a value of the boost inductor other than that obtained from
Equation 3 above is used, the total output power capability as
well as the minimum input voltage threshold will differ
according to Equation 2. Note that if the input voltage drops
below 90Vrms and the inductance value is <LB, the link
voltage Vlink will drop below 400V and fall out of regulation.
Figure 16. Relative Effects of Varying Boost Inductance
5.5 PFC Output Capacitor
The value of the PFC output capacitor should be chosen
based upon voltage ripple and hold-up requirements. To
ensure system stability with the digital controller, the
recommended value of the capacitor is within the range of
0.5
F/watt to 2.0F/watt with a Vlink voltage of 400V.
5.6 Output IFB Sense & Input IAC Sense
A current proportional to the PFC output voltage, Vlink, is
supplied to the IC on pin IFB and is used as a feedback control
signal. This current is compared against an internal
fixed-value reference current.
The ADC is used to measure the magnitude of the IIFB current
through resistor RIFB. The magnitude of the IIFB current is then
compared to an internal reference current (Iref) of 129A.
Figure 17. IFB Input Pin Model
Vin
[V]
t [ms]
FET
Vgs
Burst Mode
Active
Vin
Po
[W]
t [ms]
PFC
Disable
Burst Threshold
Po

Vin min


2
Vlink
Vin min

2

–
2fmax LB Vlink
---------------------------------------------------------
=
[Eq.1]
Po

90V

2
400V
90V
2

–
270kHz
LB 400V
-------------------------------------------------------------
=
[Eq.2]
LB

90V

2
400V
90V
2

–
270kHz Po
400V
-------------------------------------------------------------
=
[Eq.3]
VAC(rms)
90
265
L > LB
L = LB
L < LB 
IFB
VDD
15k
8
Vlink
CS1501
24k
ADC
R5
RIFB
IFB
R6
1
Iref



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com