Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VESD1-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VESD1-SIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VESD1-SIP Datasheet(HTML) 2 Page - CUI INC

  VESD1-SIP Datasheet HTML 1Page - CUI INC VESD1-SIP Datasheet HTML 2Page - CUI INC VESD1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
2 of 3
12/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VESD1-SIP
GENERAL
short circuit protection <1 second
temperature rise at full load
25°C Max, 15°C typ.
cooling
free air convection
operating temperature range
-40°C to +85°C
storage temperature range
-55°C to +125°C
soldering temperature
300°C (1.5mm from case for 10 sec.)
storage humidity range
<95%
case material
plastic (UL94-V0)
safety2
approved to UL60950 (E222736)
MTBF
>3,500,000 hrs.
burn-in
full load at +85°C, for 4 hours at no-load and 4 hours at full load.
ISOLATION SPECIFICATIONS
item
test conditions
min.
typ.
max
units
isolation voltage
tested for 1 min.
3000
Vdc
insulation resistance
test at 500 Vdc
1000
M
Ω
DIMENSIONS (mm)
6.00
12
5 6 7
1 2
5 6 7
: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
Side View
Bottom View
19.60
10.00
4.10
12
5 6 7
15.24
2.00
1.25
2.54
Layout
1.00 + 0.15/-0
0
1
2
5
6
7
+Vin
-Vin
-Vout
COM
+Vout
Pin Function
TYPICAL CHARACTERISTICS
OUTPUT
item
test conditions
min.
typ.
max.
units
output power
0.1
1
W
line regulation
for Vin change of 1%
1.2
%
load regulation
10% to 100% full load
10
15
%
output voltage accuracy
see tolerance envelope graph
temperature drift
@ 100% load
0.03
%/°C
output ripple
20 MHz bandwidth
100
150
mVp-p
switching frequency
full load, nominal input
83
100
125
KHz
NOTE:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise
specified.
2. See table on page 1 for available models



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com