Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VESD1-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VESD1-SIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VESD1-SIP Datasheet(HTML) 3 Page - CUI INC

  VESD1-SIP Datasheet HTML 1Page - CUI INC VESD1-SIP Datasheet HTML 2Page - CUI INC VESD1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
3 of 3
12/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VESD1-SIP
APPLICATION NOTES:
- Input filtering
To reduce the reflected ripple current and minimize EMI,
especially when the converter input is more than 2” away from
the DC source, it is recommended to connect a low ESR
electrolytic capacitor between Vin and Gnd. The values
suggested are as shown in Table 1. If additional filtering is
required, the capacitance may be increased, or expanded to
an LC network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 μF
5 V
12 V
2.2 μF
15 V
2.2 μF
24 V
1.0 μF
TABLE 1
Vout
External Ouput Capacitance
10 μF
5 V
9 V
4.7 μF
12 V
2.2 μF
15 V
1 μF
24 V
0.47 μF
TABLE 2
<Figure 1>
+Vin
-Vin
+Vout
COM
DC
C
L
L
DC
L
C
C
-Vout
+Vin
-Vin
+Vin
-Vin
REG
+Vout
-Vout
COM
+Vout
DC DC
DC DC
REG
REG
COM
-Vout
- Minimum loading
The converter needs a minimum of 10% loading to maintain
output regulation. Operation under no-load conditions will not
cause immediate damages but may reduce reliability, and
cause performance not to meet specifications.
- Regulation
With a semi-regulated design, the converter ’s output voltage
varies with load current and will change proportionally to the
input voltage. If regulated output is needed, an external
regulator can be used as shown in Figure 2.
- Protection
The converter has minimal protection against input over-
voltage or output over-load, and may be permanently damaged
if exposed to these conditions. An input clamping device can
be used for input voltage limiting. An input fuse or an output
fuse also be used to protect against over-loading.
- Dual outputs used as a single output
The +Vout and -Vout can be used to obtain a single output
that is the sum of the two outputs. In this case, the COM pin
shouldn’t be used.
- External Regulator
An external 3-terminal regulator can be connected to the
output of the converter to achieve full regulation. Make sure
the converter ’s output voltage provides sufficient head room
for the regulator. An additional benefit is that the built-in
protection features in the regulator, such as OCP, OTP, etc,
will protect the converter also. In a complimentory supply, a
negative output regulator must be used to achieve the
negative regulated output.
- Output filtering
An output capacitor is needed to meet output ripple
requirements as shown in Table 2.Output capacitance may be
increased for additional filtering, but should not exeed 10μF or
expanded to an LC network as in Figure 1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com