Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VESD1-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VESD1-SIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VESD1-SIP Datasheet(HTML) 1 Page - CUI INC

  VESD1-SIP Datasheet HTML 1Page - CUI INC VESD1-SIP Datasheet HTML 2Page - CUI INC VESD1-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: dc-dc converter
1 of 3
12/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VESD1-SIP
features
·isolated 1 W output
·temperature range: -40°C~+85°C
·unregulated
·high efficiency to 80%
·dual voltage output
·small footprint
·SIP package style
·industry standard pinout
·UL94-V0 package
·no heatsink required
·3K Vdc isolation
·power density 0.85 W/cm³
·no external component required
·low cost
description
Designed to convert fixed volt-
ages into an isolated voltage, the
VESD1-SIP series is well suited
for providing board-mount local
supplies in a wide range of appli-
cations, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
MODEL
Input Voltage
Output
Output Current
Package
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
UL60950
VESD1-S5-D5-SIP
5 Vdc
4.5~5.5 Vdc
±5 Vdc
±100 mA
±10 mA
72%
SIP
YES
VESD1-S5-D9-SIP
5 Vdc
4.5~5.5 Vdc
±9 Vdc
±56 mA
±6 mA
75%
SIP
YES
VESD1-S5-D12-SIP
5 Vdc
4.5~5.5 Vdc
±12 Vdc
±42 mA
±5 mA
78%
SIP
YES
VESD1-S5-D15-SIP
5 Vdc
4.5~5.5 Vdc
±15 Vdc
±33 mA
±4 mA
79%
SIP
YES
VESD1-S12-D5-SIP
12 Vdc
10.8~13.2 Vdc
±5 Vdc
±100 mA
±10 mA
74%
SIP
YES
VESD1-S12-D9-SIP
12 Vdc
10.8~13.2 Vdc
±9 Vdc
±56 mA
±6 mA
76%
SIP
YES
VESD1-S12-D12-SIP
12 Vdc
10.8~13.2 Vdc
±12 Vdc
±42 mA
±5 mA
79%
SIP
YES
VESD1-S12-D15-SIP
12 Vdc
10.8~13.2 Vdc
±15 Vdc
±33 mA
±4 mA
80%
SIP
YES
VESD1-S15-D5-SIP
15 Vdc
13.5~16.5 Vdc
±5 Vdc
±100 mA
±10 mA
74%
SIP
NO
VESD1-S15-D9-SIP
15 Vdc
13.5~16.5 Vdc
±9 Vdc
±56 mA
±6A
75%
SIP
NO
VESD1-S15-D12-SIP
15 Vdc
13.5~16.5 Vdc
±12 Vdc
±42 mA
±5 mA
79%
SIP
NO
VESD1-S15-D15-SIP
15 Vdc
13.5~16.5 Vdc
±15 Vdc
±33 mA
±4 mA
79%
SIP
NO
VESD1-S24-D5-SIP
24 Vdc
21.6~26.4 Vdc
±5 Vdc
±100 mA
±10 mA
74%
SIP
YES
VESD1-S24-D9-SIP
24 Vdc
21.6~26.4 Vdc
±9 Vdc
±56 mA
±6 mA
76%
SIP
YES
VESD1-S24-D12-SIP
24 Vdc
21.6~26.4 Vdc
±12 Vdc
±42 mA
±5 mA
80%
SIP
YES
VESD1-S24-D15-SIP
24 Vdc
21.6~26.4 Vdc
±15 Vdc
±33 mA
±4 mA
81%
SIP
YES


Similar Part No. - VESD1-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VESD1-SIP CUI-VESD1-SIP Datasheet
212Kb / 3P
DC/DC converter
More results

Similar Description - VESD1-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com