Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7679 Datasheet(PDF) 2 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 2 Page - EPCOS

  B7679 Datasheet HTML 1Page - EPCOS B7679 Datasheet HTML 2Page - EPCOS B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
December 14, 2010
B7679
847.0 / 806.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Application
s
Low-loss SAW duplexer for LTE Band 20 systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Usable passband 30 MHz
s
Single-ended to balanced transformation in Anten-
na-Rx path
s
Impedance transformation 50
Ω to 100 Ω in Anten-
na-Rx path
s
Very small size and low height
Features
s
Package size 2.5 * 2.0 * 0.68 mm3
s
RoHS compatible
s
Approximate weight 0.013 g
s
Package for Surface Mount Technology (SMT)
s
Ni, Au-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level 3
bottom view
side view
top view
2.5
7
5
1
9
0.55
0.4
0.9
3
2
6
Pin configuration
s
3
Tx input
s
1, 8
Rx output (balanced)
s
6
Antenna
s
2, 4, 5, 7, 9
To be grounded
4,5,9
1
3
8
2,7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com