Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7679 Datasheet(PDF) 3 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 3 Page - EPCOS

  B7679 Datasheet HTML 1Page - EPCOS B7679 Datasheet HTML 2Page - EPCOS B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
December 14, 2010
B7679
847.0 / 806.0 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 8.2 nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 56 nH
Characteristics Tx-Antenna
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
847.0
MHz
Maximum insertion attenuation
α
CTQ
832.1
...
861.9 MHz1)
1) in 0C-60C temperature range
2.7
3.0
dB
836.1
...
857.9
MHz
2.2
2.9
dB
832.1
...
861.9
MHz
2.7
3.4
dB
Amplitude ripple (p-p)
∆α
832.1
...
861.9 MHz2)
2) in 0C-60C temperature range
1.4
1.8
dB
832.1
...
861.9
MHz
1.4
2.2
dB
Error Vector Magnitude
EVM
5 MHz Channel @ fCarrier
834.6...859.4MHz3)
3) Computed with 4 MHz square signal
2.6
6.0
%
20 MHz Channel @ fCarrier
842.1...851.9MHz4)
4) Computed with 18 MHz square signal
10
16
%
Input VSWR (Tx port)
832.0
...
862.0
MHz
1.8
2.1
Output VSWR (Ant Port)
832.0
...
862.0
MHz
1.9
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com