Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7679 Datasheet(PDF) 5 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 5 Page - EPCOS

  B7679 Datasheet HTML 1Page - EPCOS B7679 Datasheet HTML 2Page - EPCOS B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
December 14, 2010
B7679
847.0 / 806.0 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 8.2 nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 56 nH
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
806.0
MHz
Maximum insertion attenuation
α
CTQ
791.1
...
793.0 MHz1)
1) in 0C-60C temperature range
2.6
4.0
dB
793.0
...
820.9 MHz2)
2) in 0C-60C temperature range
2.6
3.5
dB
791.1
...
820.9
MHz
2.6
4.0
dB
Amplitude ripple
α
791.1
...
820.9 MHz3)
3) in 0C-60C temperature range
1.4
2.7
dB
791.1
...
820.9
MHz
1.4
2.7
dB
Error Vector Magnitude
5 MHz Channel @ fCarrier
793.6 ...818.4MHz4)
4) Computed with 5 MHz square signal
3.1
8
%
20 MHz Channel @ fCarrier
801.1 ...810.9 MHz5)
5) Computed with 18 MHz square signal
6.2
16
%
Input VSWR (Ant port)
791.0
...
821.0
MHz
1.7
2.1
Output VSWR (Rx Port)
791.0
...
821.0
MHz
1.8
2.1
Common mode rejection ratio
791.0
...
821.0
MHz
23
25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com