Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8553 Datasheet(PDF) 7 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 7 Page - EPCOS

Back Button B8553 Datasheet HTML 3Page - EPCOS B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS B8553 Datasheet HTML 10Page - EPCOS B8553 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
April 15, 2011
B8553
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Preliminary Data
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 14 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =
50
Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
IMD product level limits1)
at fTX = 836.5 MHz fRX = 881.5 MHz
1) Power levels: 21.5 dBm Tx signal, -15dBm blocker at antenna port.
Blocker 1
45.0
MHz
-137
-106
dBm
Blocker 2
791.5
MHz
-114
-109
dBm
Blocker 3
1718.0
MHz
-92
-88
dBm
Blocker 4
2554.5
MHz
-120
-109
dBm
Attenuation
α
10.0
...
447.0
MHz
45
83
dB
447.0
...
824.0
MHz
30
66
dB
824.0
...
849.0
MHz
55
60
dB
849.0
...
854.0
MHz
10
60
dB
909.0
...
1000.0
MHz
13
23
dB
1000.0
...
1850.0
MHz
28
62
dB
1850.0
...
1920.0
MHz
40
62
dB
1920.0
...
6000.0
MHz
35
51
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com