Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8553 Datasheet(PDF) 5 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 5 Page - EPCOS

  B8553 Datasheet HTML 1Page - EPCOS B8553 Datasheet HTML 2Page - EPCOS B8553 Datasheet HTML 3Page - EPCOS B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
April 15, 2011
B8553
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Preliminary Data
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 14 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =
50
Ω
Characteristics TX - ANT
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
10.0
...
420.0
MHz
30
42
dB
420.0
...
494.0
MHz
35
39
dB
494.0
...
701.0
MHz
30
38
dB
701.0
...
728.0
MHz
35
39
dB
728.0
...
764.0
MHz
35
40
dB
764.0
...
804.0
MHz
30
34
dB
860.0
...
869.0
MHz
3
24
dB
869.0
...
894.0
MHz
44
50
dB
1565.42
...
1573.374 MHz
35
40
dB
1573.374
...
1577.466 MHz
35
40
dB
1577.466
...
1585.42
MHz
35
40
dB
1597.5515 ...
1605.886 MHz
35
39
dB
1638.0
...
1708.0
MHz
20
37
dB
1844.9
...
1879.9
MHz
30
34
dB
1884.5
...
1919.6
MHz
29
34
dB
1930.0
...
1990.0
MHz
27
33
dB
2110.0
...
2170.0
MHz
23
31
dB
2400.0
...
2557.0
MHz
23
27
dB
3286.0
...
3406.0
MHz
19
24
dB
4110.0
...
4255.0
MHz
16
19
dB
4934.0
...
5350.0
MHz
10
17
dB
5725.0
...
5953.0
MHz
9
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com