Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8553 Datasheet(PDF) 3 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 3 Page - EPCOS

  B8553 Datasheet HTML 1Page - EPCOS B8553 Datasheet HTML 2Page - EPCOS B8553 Datasheet HTML 3Page - EPCOS B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
April 15, 2011
B8553
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Preliminary Data
Please read cautions and warnings and
important notes at the end of this document.
Application
s
Multimode SAW duplexer for mobile telephone
Cellular\WCDMA Band V, Band VI (830-840 MHz)
and Band IXX (830-845 MHz) systems
s
Low insertion attenuation
s
Low amplitude ripple
s
High Tx band isolation
s
Single ended to balanced transformation
in Antenna - Rx path
s
Impedance transformation 50
Ω to 100Ω
in Antenna - Rx path
Features
s
Component size 2.0 x 1.6 mm2
s
Component height 0.47 mm max.
s
RoHS compatible
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level (MSL) 3
bottom view
side view
top view
9
0.43
0.33
2.0
0.7
3
2
1
5
7
6
5
3
2
1
6
7
Pin configuration
s
3
TX Input
s
1, 8
RX Output (balanced)
s
6
Antenna
s
2, 4, 5, 7, 9
To be grounded
1
4,5,9
8
6
2,7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com