Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85176 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85176 Datasheet HTML 1Page - NXP Semiconductors PCF85176 Datasheet HTML 2Page - NXP Semiconductors PCF85176 Datasheet HTML 3Page - NXP Semiconductors PCF85176 Datasheet HTML 4Page - NXP Semiconductors PCF85176 Datasheet HTML 5Page - NXP Semiconductors PCF85176 Datasheet HTML 6Page - NXP Semiconductors PCF85176 Datasheet HTML 7Page - NXP Semiconductors PCF85176 Datasheet HTML 8Page - NXP Semiconductors PCF85176 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
2 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
3.
Ordering information
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF85176H
TQFP64
plastic thin quad flat package, 64 leads;
body 10
× 10 × 1.0 mm
SOT357-1
PCF85176T
TSSOP56 plastic thin shrink small outline package, 56 leads;
body width 6.1 mm
SOT364-1
Table 2.
Marking codes
Type number
Marking code
PCF85176H
PCF85176H
PCF85176T
PCF85176T
Fig 1.
Block diagram of PCF85176
40
013aaa068
LCD BIAS
GENERATOR
LCD
VOLTAGE
SELECTOR
PCF85176
BACKPLANE
OUTPUTS
DISPLAY
CONTROLLER
COMMAND
DECODER
WRITE DATA
CONTROL
DISPLAY RAM
OUTPUT BANK SELECT
AND BLINK CONTROL
DISPLAY
REGISTER
DISPLAY SEGMENT
OUTPUTS
DATA POINTER AND
AUTO INCREMENT
SUBADDRESS
COUNTER
CLOCK SELECT
AND TIMING
OSCILLATOR
INPUT
FILTERS
BLINKER
TIMEBASE
POWER-ON
RESET
I2C-BUS
CONTROLLER
BP0
BP2
BP1
BP3
A2
A1
A0
SA0
SDA
SCL
VDD
OSC
SYNC
CLK
VSS
VLCD
S0 to S39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com