Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85176 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 17Page - NXP Semiconductors PCF85176 Datasheet HTML 18Page - NXP Semiconductors PCF85176 Datasheet HTML 19Page - NXP Semiconductors PCF85176 Datasheet HTML 20Page - NXP Semiconductors PCF85176 Datasheet HTML 21Page - NXP Semiconductors PCF85176 Datasheet HTML 22Page - NXP Semiconductors PCF85176 Datasheet HTML 23Page - NXP Semiconductors PCF85176 Datasheet HTML 24Page - NXP Semiconductors PCF85176 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
21 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
7.16.5 I2C-bus controller
The PCF85176 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCF85176 are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, on the transferred command data and on the hardware
subaddress.
In single device applications, the hardware subaddress inputs A0, A1, and A2 are
normally tied to VSS which defines the hardware subaddress 0. In multiple device
applications A0, A1, and A2 are tied to VSS or VDD using a binary coding scheme, so that
no two devices with a common I2C-bus slave address have the same hardware
subaddress.
7.16.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
7.16.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are used to address the
PCF85176. The entire I2C-bus slave address byte is shown in Table 7.
The PCF85176 is a write-only device and will not respond to a read access, therefore bit 0
should always be logic 0. Bit 1 of the slave address byte that a PCF85176 will respond to,
is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for logic 1).
Having two reserved slave addresses allows the following on the same I2C-bus:
Fig 15. Acknowledgement of the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master
Table 7.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
01
11
00
SA0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com