Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85176 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 3Page - NXP Semiconductors PCF85176 Datasheet HTML 4Page - NXP Semiconductors PCF85176 Datasheet HTML 5Page - NXP Semiconductors PCF85176 Datasheet HTML 6Page - NXP Semiconductors PCF85176 Datasheet HTML 7Page - NXP Semiconductors PCF85176 Datasheet HTML 8Page - NXP Semiconductors PCF85176 Datasheet HTML 9Page - NXP Semiconductors PCF85176 Datasheet HTML 10Page - NXP Semiconductors PCF85176 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
7 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
• Display is disabled
Remark: Do not transfer data on the I2C-bus for at least 1 ms after a power-on to allow
the reset action to complete.
7.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of the three
series resistors connected between VLCD and VSS. The center resistor is bypassed by
switch if the 1
⁄
2 bias voltage level for the 1:2 multiplex configuration is selected.
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 5.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth.
Multiplex drive modes of 1:3 and 1:4 with 1
⁄
2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1
⁄
2 bias
a = 2 for 1
⁄
3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
where the values for n are
n = 1 for static drive mode
n = 2 for 1:2 multiplex drive mode
n = 3 for 1:3 multiplex drive mode
n = 4 for 1:4 multiplex drive mode
Table 5.
Biasing characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Levels
static
1
2
static
0
1
∞
1:2 multiplex
2
3
1
⁄
2
0.354
0.791
2.236
1:2 multiplex
2
4
1
⁄
3
0.333
0.745
2.236
1:3 multiplex
3
4
1
⁄
3
0.333
0.638
1.915
1:4 multiplex
4
4
1
⁄
3
0.333
0.577
1.732
V
off RMS
()
V
LCD
-------------------------
V
on RMS
()
V
LCD
------------------------
D
V
on RMS
()
V
off RMS
()
-------------------------
=
1
1a
+
-------------
V
on RMS
()
a2
2a
n
++
n
1a
+
()
2
×
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com