Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB216CWCKW01-5F-CB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB216CWCKW01-5F-CB
Description  22mm Panel Seal Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB216CWCKW01-5F-CB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB216CWCKW01-5F-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.nkk.com
Series YB2
www.nkk.com
D117
D116
D
D
22mm Panel Seal Pushbuttons
D
6 F
JB
Super Bright LED
6B
White
6F
Green
6G
Blue
Bright LED
LED Colors
Resistor
No
Code
No Resistor
(not for
Green)
05
5-volt
12
12-volt
24
24-volt
5C
Red
5D
Amber
5F
Green
Cap Color
S
Metallic Silver
JB
Clear/White
CB
Red/White
EB
Yellow/White
FB
Green/White
Nonilluminated
N
No Lamp
Cap Types & Colors
LEDS
TYPICAL SWITCH ORDERING EXAMPLE
Lens/Diffuser Cap Colors
JB
Clear/White
JS
Metallic Silver Cap/Clear Ring
Lens/Diffuser Colors
JB
Clear/White
JS
Metallic Silver Cap/Clear Ring
CB
Red/White
EB
Yellow/White
FB
Green/White
LED & cap need to be the same color.
Yellow cap pairs with amber LED to achieve
amber illumination. Codes JB & JS may
be combined with all LED colors.
1
C
K
01
LED Cap with Clear Lens
& White Diffuser
With Panel Seal
Silver Contacts with
3 Amp Rating
Solder Lug/.110” (2.8mm)
Quick Connect Terminals
Green, Super Bright LED
Black Bezel
Round Black Housing
SPDT
ON-(ON) Circuit
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
YB215CWCKW01-6F-JB
W
C
W
YB2
Poles
1
SPDT
2
DPDT
Contact Point
C
Normally Open and
Normally Closed
Shape
C
Round
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Panel Seal
W
With Panel Seal
Bezel
K
Black
S
Metallic Silver
Contact Materials
& Ratings
W
Silver
Rated 3A @ 125V AC
G
Gold
Rated 0.4VA maximum @
28V AC/DC maximum
Terminals
01
Solder Lug/.110”
(2.8mm) Quick Connect*
IMPORTANT:
Switches are supplied without
cULus marking unless specified.
Specific models & ratings noted
on General Specifications page.
* Wire harness & cable assemblies
offered only in Americas



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com