Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB216CWCKW01-5F-CB Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB216CWCKW01-5F-CB
Description  22mm Panel Seal Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB216CWCKW01-5F-CB Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB216CWCKW01-5F-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Series YB2
22mm Panel Seal Pushbuttons
www.nkk.com
D120
D
.748
(19.0) Dia
(13.1)
.516
(4.9)
.193
VF
I F
R
+
–
E
Anode
Cathode
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
CB
EB
FB
Lens/Diffuser Colors Available:
Green/White
*Yellow/White
Red/White
Material for Lens & Diffuser: Polycarbonate
CAPS & CAP COLORS
AT3017 Cap for
Bright LED
AT3018 Cap for
Super Bright LED
AT3019 Cap for
Nonilluminated
JB
Clear/White
S
Metallic Silver
TYPICAL SWITCH DIMENSIONS
Single Pole
Double Pole
YB215CWCKW01-6F-JB
PANEL THICKNESS & CUTOUT
Panel Thickness
.020” ~ .197”
(0.5mm ~ 5.0mm)
(33.6)
1.323
(7.3)
.288
(1.8)
.071
M16 P1
(2.8)
.110
Typ
(0.5)
.020
Typ
(1.2) x (2.0) Typ
.047 x .079
(3.7)
.146
(9.7)
.382
(3.0)
.118
(5.55)
.219
1
2
3
NC
COM
L
- +
(3.7)
.146
(9.7)
.382
(6.0)
.236
(11.1)
.437
1
2
3
NC
COM
4
6
5
L
- +
Side-by-side Mounting
Lens/Diffuser Colors Available:
Cap Color Available:
Note: AT3017 Cap can
also be used without
illumination.
.748
(19.0) Dia
(13.1)
.516
(4.9)
.193
.748
(19.0) Dia
(13.1)
.516
(4.9)
.193
BALLAST RESISTOR CALCULATION FOR LEDS
If the source voltage is greater than the rated voltage of
a lamp or LED, a ballast resistor must be connected in
series with the lamp. This circuit diagram and formula
will assist in calculating the value of the required ballast
resistor.
(25.0)
.984
(19.0)
.748
Dia
Dia
(25.4) Min
1.00
(10.5)
.413
(1.7) Typ
.067
(22.0)
.866
DiaTyp
+ 0.3
– 0.0
(25.4) Min
1.00
*Yellow cap
pairs with
amber LED
to achieve
amber illumination.
JB
Clear/White
.748
(19.0) Dia
(13.1)
.516
(4.9)
.193
AT3020 Cap with
Illumination Ring for
Bright or Super Bright LED
Cap Color Available:
JS
Metallic Silver with
Clear Ring
Materials
Lens: Polycarbonate
Insert: Polyester



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com