Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB216CWCKW01-5F-CB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB216CWCKW01-5F-CB
Description  22mm Panel Seal Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB216CWCKW01-5F-CB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB216CWCKW01-5F-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCKW01-5F-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series YB2
22mm Panel Seal Pushbuttons
www.nkk.com
D118
D
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes: Switch is marked with NC, NO, COM, L+, L–.
Lamp circuit is isolated and requires an
external power source.
SP
YB215
YB216
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
YB225
YB226
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
L (+)
(-) L
L (+)
(-) L
Silver Contacts
Power Level: 3A @ 125/250V AC
Switch base is green
K
Black
W Panel Seal
Solder Lug/
.110” (2.8mm) Quick Connect
C
Round
01
(7.3)
.288
Epoxy Seal
(2.0)
.079
(1.2)
.047
(2.8)
.110
Thk = (0.5)
.020
S
Metallic Silver
C
Normally Open and Normally Closed
Gold Contacts
Logic Level: 0.4VA max. @ 28V AC/DC max.
Switch base is red
4
6 NC
1
3 NC
2 NO
5 NO
(COM)
1
3 NC
2 NO
(COM)
Contact points are both Normally Open and
Normally Closed.
Two o-rings provide
panel seal protection
meeting IP65 of
IEC60529 standards.
POLES & CIRCUITS
CONTACT POINT
PANEL SEAL
SHAPE
BEZEL
CONTACT MATERIALS & RATINGS
TERMINALS
W
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com