Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8574
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8574 Datasheet HTML 11Page - NXP Semiconductors PCF8574 Datasheet HTML 12Page - NXP Semiconductors PCF8574 Datasheet HTML 13Page - NXP Semiconductors PCF8574 Datasheet HTML 14Page - NXP Semiconductors PCF8574 Datasheet HTML 15Page - NXP Semiconductors PCF8574 Datasheet HTML 16Page - NXP Semiconductors PCF8574 Datasheet HTML 17Page - NXP Semiconductors PCF8574 Datasheet HTML 18Page - NXP Semiconductors PCF8574 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2002 Nov 22
15
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
Note
1. The Power-on reset circuit resets the I2C-bus logic at VDD <VPOR and sets all I/Os to logic 1 (with current source to
VDD).
I/Os
VIL
LOW level input voltage
−0.5
−
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD + 0.5
V
IIHL(max)
maximum allowed input
current through protection
diode
VI ≥ VDD or VI ≤ VSS
−−
±400
µA
IOL
LOW level output current
VOL =1V; VDD =5V
10
25
−
mA
IOH
HIGH level output current
VOH =VSS
30
−
300
µA
IOHt
transient pull-up current
HIGH during acknowledge
(see Fig.15); VOH =VSS;
VDD = 2.5 V
−−1
−
mA
Ci
input capacitance
−−
10
pF
Co
output capacitance
−−
10
pF
Port timing; CL ≤ 100 pF (see Figs 11 and 12)
tpv
output data valid
−−
4
µs
tsu
input data set-up time
0
−−
µs
th
input data hold time
4
−−
µs
Interrupt INT (see Fig.14)
IOL
LOW level output current
VOL = 0.4 V
1.6
−−
mA
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
TIMING;CL ≤ 100 pF
tiv
input data valid time
−−
4
µs
tir
reset delay time
−−
4
µs
Select inputs A0 to A2
VIL
LOW level input voltage
−0.5
−
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD + 0.5
V
ILI
input leakage current
pin at VDD or VSS
−250
−
+250
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com