Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8574
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8574 Datasheet HTML 1Page - NXP Semiconductors PCF8574 Datasheet HTML 2Page - NXP Semiconductors PCF8574 Datasheet HTML 3Page - NXP Semiconductors PCF8574 Datasheet HTML 4Page - NXP Semiconductors PCF8574 Datasheet HTML 5Page - NXP Semiconductors PCF8574 Datasheet HTML 6Page - NXP Semiconductors PCF8574 Datasheet HTML 7Page - NXP Semiconductors PCF8574 Datasheet HTML 8Page - NXP Semiconductors PCF8574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2002 Nov 22
3
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
1
FEATURES
• Operating supply voltage 2.5 to 6 V
• Low standby current consumption of 10 µA maximum
• I2C-bus to parallel port expander
• Open-drain interrupt output
• 8-bit remote I/O port for the I2C-bus
• Compatible with most microcontrollers
• Latched outputs with high current drive capability for
directly driving LEDs
• Address by 3 hardware address pins for use of up to
8 devices (up to 16 with PCF8574A)
• DIP16, or space-saving SO16 or SSOP20 packages.
2
GENERAL DESCRIPTION
The PCF8574 is a silicon CMOS circuit. It provides general
purpose remote I/O expansion for most microcontroller
families via the two-line bidirectional bus (I2C-bus).
The device consists of an 8-bit quasi-bidirectional port and
an I2C-bus interface. The PCF8574 has a low current
consumption and includes latched outputs with high
current drive capability for directly driving LEDs. It also
possesses an interrupt line (INT) which can be connected
to the interrupt logic of the microcontroller. By sending an
interrupt signal on this line, the remote I/O can inform the
microcontroller if there is incoming data on its ports without
having to communicate via the I2C-bus. This means that
the PCF8574 can remain a simple slave device.
The PCF8574 and PCF8574A versions differ only in their
slave address as shown in Fig.10.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8574P;
PCF8574AP
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
PCF8574T;
PCF8574AT
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
PCF8574TS;
PCF8574ATS
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com