Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8574
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8574 Datasheet HTML 12Page - NXP Semiconductors PCF8574 Datasheet HTML 13Page - NXP Semiconductors PCF8574 Datasheet HTML 14Page - NXP Semiconductors PCF8574 Datasheet HTML 15Page - NXP Semiconductors PCF8574 Datasheet HTML 16Page - NXP Semiconductors PCF8574 Datasheet HTML 17Page - NXP Semiconductors PCF8574 Datasheet HTML 18Page - NXP Semiconductors PCF8574 Datasheet HTML 19Page - NXP Semiconductors PCF8574 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2002 Nov 22
16
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
11 I2C-BUS TIMING CHARACTERISTICS
Note
1. All the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL
and VIH with an input voltage swing of VSS to VDD.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
I2C-bus timing (see Fig.16; note 1)
fSCL
SCL clock frequency
−−
100
kHz
tSW
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
START condition set-up time
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tVD;DAT
SCL LOW to data out valid
−−
3.4
µs
tSU;STO
STOP condition set-up time
4.0
−−µs
Fig.16 I2C-bus timing diagram.
handbook, full pagewidth
PROTOCOL
SCL
SDA
MBD820
BIT 0
LSB
(R/W)
t HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t SU;STO
t
f
r
t
t
BUF
t
SU;STA
t
LOW
t HIGH
1 / f SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com