Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 2 Page - Texas Instruments

  TPS2000C Datasheet HTML 1Page - Texas Instruments TPS2000C Datasheet HTML 2Page - Texas Instruments TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION(1)
PACKAGED DEVICE(2)
MAXIMUM
OUTPUT
BASE PART
OPERATING
ENABLE
MARKING
MSOP-8 (DGN)
SOT23-5
DISCHARGE
NUMBER
CURRENT
PowerPAD
™
(DBV)
0.5
Y
High
TPS2051C
–
√
VBYQ
1
Y
High
TPS2065C
√
√
VCAQ
1.5
Y
High
TPS2069C
√
–
VBUQ
2
Y
Low
TPS2000C
√
–
BCMS
2
Y
High
TPS2001C
√
–
VBWQ
(1) For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2) "-" indicates the device is not available in this package.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUE
UNIT
MIN
MAX
Voltage range on IN, OUT, EN or EN, FLT (3)
–
0.3
6
V
Voltage range from IN to OUT
–
6
6
V
Maximum junction temperature, TJ
Internally Limited
HBM
2
kV
Electrostatic Discharge
CDM
500
V
IEC 61000-4-2, Contact / Air (4)
8
15
kV
(1) Absolute maximum ratings apply over recommended junction temperature range.
(2) Voltages are with respect to GND unless otherwise noted.
(3) See the Input and Output Capacitance section.
(4) VOUT was surged on a pcb with input and output bypassing per Figure 1 (except input capacitor was 22 µF) with no device failures.
THERMAL INFORMATION
0.5 A or 1 A
1.5 A or 2 A
0.5 A or 1 A
1.5 A or 2 A
Rated
Rated
Rated
Rated
THERMAL METRIC(1)
UNITS
(See DEVICE INFORMATION table.)
DBV
DBV
DGN
DGN
5 PINS
5 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
224.9
220.4
72.1
67.1
θJCtop
Junction-to-case (top) thermal resistance
95.2
89.7
87.3
80.8
θJB
Junction-to-board thermal resistance
51.4
46.9
42.2
37.2
ψJT
Junction-to-top characterization parameter
6.6
5.2
7.3
5.6
°
C/W
ψJB
Junction-to-board characterization parameter
50.3
46.2
42.0
36.9
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
39.2
32.1
See the Power DIssipation and Junction
θJACustom
139.3
134.9
66.5
61.3
Temperature section
(1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright © 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com