Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments TPS2000C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
−1u
0
1u
2u
3u
4u
−3
−2
−1
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
Output Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Time (s)
Output Current
VIN = 5 V, COUT = 0 µF, TPS2065C
G005
VIN = 5 V, COUT = 0 µF, RLOAD = 50 mΩ, TPS2065C
−1u
0
1u
2u
3u
4u
−1
0
1
2
3
4
5
6
−5
0
5
10
15
20
25
30
Time (s)
IOUT
VOUT
G006
−100u
0
100u
200u
300u
400u
500u
600u
−1
0
1
2
3
4
5
6
VOUT
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Time (s)
IOUT
VIN = 5 V, COUT = 0 µF,
RLOAD = 50 mΩ, TPS2065C
G007
−5m −4m −3m −2m −1m
0
1m 2m 3m 4m 5m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G008
−40m −30m −20m −10m
0
10m
20m
30m
40m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G009
−2m
0
2m 4m 6m 8m 10m 12m 14m 16m 18m
−1
1
3
5
7
9
Output Voltage
FLT
EN
−0.8
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 2.5 Ω, TPS2001C
G010
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 13. TPS2065C Short Applied
Figure 14. TPS2065C Pulsed 1.45-A Load
Figure 15. NEW FIG
Figure 16. TPS2065C Power Up - Enabled
Figure 17. TPS2065C Power Down - Enabled
Figure 18. TPS2001C Turn ON into 2.5
Ω
8
Copyright © 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com