Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 12Page - Texas Instruments TPS2000C Datasheet HTML 13Page - Texas Instruments TPS2000C Datasheet HTML 14Page - Texas Instruments TPS2000C Datasheet HTML 15Page - Texas Instruments TPS2000C Datasheet HTML 16Page - Texas Instruments TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
C
IN
V
IN: 0.0145in
2 area
& 2 x 0.018in vias
GND: 0.056in
2 total area
& 3 x 0.018in vias
C
OUT
V
OUT:
0.048in
2 total area
5 x 0.01in vias
0.050in trace
C
OUT
VIN: 0.00925in
2
& 3 x 0.018in vias
VOUT: 0.041in
2 total
0.050in trace
4 x 0.01in vias
C
IN
GND: 0.052in
2 Total
& 3 x 0.018in vias
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
Figure 41. DBV Package PCB Layout Example
Figure 42. DGN Package PCB Layout Example
The following procedure requires iteration because power loss is due to the internal MOSFET I2 × RDS(ON), and
RDS(ON) is a function of the junction temperature. As an initial estimate, use the RDS(ON) at 125°C from the
TYPICAL CHARACTERISTICS, and the preferred package thermal resistance for the preferred board
construction from the THERMAL INFORMATION table.
TJ = TA + ((IOUT2 x RDS(ON)) x θJA)
(1)
Where:
IOUT = rated OUT pin current (A)
RDS(ON) = Power switch on-resistance at an assumed TJ (Ω)
TA = Maximum ambient temperature (°C)
TJ = Maximum junction temperature (°C)
θJA = Thermal resistance (°C/W)
If the calculated TJ is substantially different from the original assumption, estimate a new value of RDS(ON) using
the typical characteristic plot and recalculate.
If the resulting TJ is not less than 125°C, try a PCB construction and/or package with lower θJA .
SPACER
REVISION HISTORY
Changes from Original (June 2011) to Revision A
Page
•
Updated MSOP Devices Status From: Preview To: Active .................................................................................................. 1
•
Corrected pinout numbers for the 5-PIN PACKAGE ............................................................................................................ 6
16
Copyright © 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com