Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6230
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6230 Datasheet HTML 9Page - STMicroelectronics L6230 Datasheet HTML 10Page - STMicroelectronics L6230 Datasheet HTML 11Page - STMicroelectronics L6230 Datasheet HTML 12Page - STMicroelectronics L6230 Datasheet HTML 13Page - STMicroelectronics L6230 Datasheet HTML 14Page - STMicroelectronics L6230 Datasheet HTML 15Page - STMicroelectronics L6230 Datasheet HTML 16Page - STMicroelectronics L6230 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L6230
Circuit description
Doc ID 18094 Rev 2
13/24
5.3
Non-dissipative overcurrent detection and protection
The L6230 integrates an overcurrent detection circuit (OCD) for full protection. This circuit
provides output-to-output and output-to-ground short circuit protection as well. With this
internal over current detection, the external current sense resistor normally used and its
associated power dissipation are eliminated. Figure 10 shows a simplified schematic for the
overcurrent detection circuit.
To implement the over current detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high side power MOS. Since this
current is a small fraction of the output current there is very little additional power
dissipation. This current is compared with an internal reference current IREF. When the
output current reaches the detection threshold (typically ISOVER = 2.8 A) the OCD
comparator signals a fault condition. When a fault condition is detected, an internal open
drain MOS with a pull down capability of 4 mA connected to pin DIAG is turned on.
The pin DIAG-EN can be used to signal the fault condition to a
μC and to shut down the
three-phase bridge simply by connecting the pin to an external R-C (see REN, CEN).
Figure 10.
Overcurrent protection simplified schematic
Figure 11 shows the overcurrent detection operation. The disable time tDISABLE before
recovering normal operation can be easily programmed by means of the accurate
thresholds of the logic inputs. It is affected whether by CEN and REN values and its
magnitude is reported in Figure 12. The delay time tDELAY before turning off the bridge when
an overcurrent has been detected depends only by CEN value. Its magnitude is reported in
Figure 13
CEN is also used for providing immunity to pin DIAG\EN against fast transient noises.
Therefore the value of CEN should be chosen as big as possible according to the maximum
tolerable delay time and the REN value should be chosen according to the desired disable
time.
The resistor REN should be chosen in the range from 2.2 kΩ to 180 kΩ. Recommended
values for REN and CEN are respectively 100 kΩ and 5.6 nF that allow obtaining 200 μs
disable time.
+
OVER TEMPERATURE
IREF
IREF
I1+I2 / n
I1 / n
HIGH SIDE DMOS
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOS
HIGH SIDE DMOS
OUT1
OUT2
VSA
OUT3
VSB
I1
I2
I3
I2/ n
I3/ n
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN
REN
DIAG\EN
VDD
μC or LOGIC
D02IN1381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com