Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6230
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6230 Datasheet HTML 10Page - STMicroelectronics L6230 Datasheet HTML 11Page - STMicroelectronics L6230 Datasheet HTML 12Page - STMicroelectronics L6230 Datasheet HTML 13Page - STMicroelectronics L6230 Datasheet HTML 14Page - STMicroelectronics L6230 Datasheet HTML 15Page - STMicroelectronics L6230 Datasheet HTML 16Page - STMicroelectronics L6230 Datasheet HTML 17Page - STMicroelectronics L6230 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Circuit description
L6230
14/24
Doc ID 18094 Rev 2
Figure 11.
Overcurrent protection waveforms
Figure 12.
tDISABLE versus CEN and REN
Figure 13.
tDELAY versus CEN
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
DIAG-EN
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1383
1
1 0
100
1
10
100
1 .10
3
C EN [n F ]
R EN = 220 k Ω
R EN = 1 0 0 k Ω
R EN = 4 7 k Ω
R EN = 3 3 k Ω
R EN = 1 0 k Ω
1
1 0
100
1
10
100
1 .10
3
C EN [n F ]
R EN = 220 k Ω
R EN = 1 0 0 k Ω
R EN = 4 7 k Ω
R EN = 3 3 k Ω
R EN = 1 0 k Ω
110
100
0.1
1
10
Cen [nF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com