Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6230
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6230 Datasheet HTML 13Page - STMicroelectronics L6230 Datasheet HTML 14Page - STMicroelectronics L6230 Datasheet HTML 15Page - STMicroelectronics L6230 Datasheet HTML 16Page - STMicroelectronics L6230 Datasheet HTML 17Page - STMicroelectronics L6230 Datasheet HTML 18Page - STMicroelectronics L6230 Datasheet HTML 19Page - STMicroelectronics L6230 Datasheet HTML 20Page - STMicroelectronics L6230 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
L6230
Application information
Doc ID 18094 Rev 2
17/24
Figure 15.
Six-step with current control typical application
6.3
Six-step driving method with BEMF zero crossing detection
The BEMF zero crossing information can be used to evaluate the rotor position; in this way
no Hall effect sensors or encoder are needed.
In six-step driving mode one of the three phases is left in high impedance state.
Comparing the voltage of this phase with the center-tap voltage we can detect the BEMF
zero-crossing.
In shown example (see Figure 16), the OUT1 phase voltage is monitored by the CP+; the
center-tap voltage is obtained as combination of three phase voltages and monitored by the
CP- pin. Only when the OUT1 is in high impedance, the CPOUT will perform a commutation
each time a BEMF zero crossing is detected.
In this configuration one sense resistor is needed, the three OUT pins are connected
together to RSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com