Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 18Page - STMicroelectronics L6726A Datasheet HTML 19Page - STMicroelectronics L6726A Datasheet HTML 20Page - STMicroelectronics L6726A Datasheet HTML 21Page - STMicroelectronics L6726A Datasheet HTML 22Page - STMicroelectronics L6726A Datasheet HTML 23Page - STMicroelectronics L6726A Datasheet HTML 24Page - STMicroelectronics L6726A Datasheet HTML 25Page - STMicroelectronics L6726A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application Information
L6726A
22/35
Doc ID 12754 Rev 4
9.2
Output capacitors
Output capacitors choice depends on the application constraints in point of output voltage
ripple and output voltage deviation during a load transient.
During steady-state conditions, the output voltage ripple is influenced by ESR and
capacitance of the output capacitors as follows:
Where
ΔI
L is the inductor current ripple. These contribution are not in phase, so total ripple
will be lower than the sum of their moduli. Even ESL and board parasitic inductance can
contribute significantly to output ripple.
During a load variation, the output capacitors supply to the load the additional current or
absorb the current in excess delivered by the inductor until converter reaction is completed.
In fact, even if the controller react immediately to the load transient saturating the duty cycle
to 80% or 0%, the current slew rate is limited by the inductance. At first approximation,
output voltage drop, based on ESR and capacitor charge/discharge and considering an
ideal load-step, can be estimated as follows:
Where
ΔV
L is the voltage applied to the inductor during the transient (
for
the load appliance or VOUT for the load removal).
MLCC capacitors typically have low ESR to minimize the ripple but also have low
capacitance that do not minimize the capacitive voltage deviation during load transient. On
the contrary, electrolytic capacitors usually have higher capacitance to minimize capacitive
voltage deviation during load transient, but also higher ESR value resulting in higher ripple
voltage and resistive voltage drop. For these reasons, a mix between electrolytic and MLCC
capacitor is usually suggested to minimize ripple as well as reducing voltage deviation in
dynamic conditions.
9.3
Input capacitors
The input capacitor bank is designed mainly to stand input rms current, which depends on
output current (IOUT) and duty-cycle (D) for the regulation as follows:
The equation reaches its maximum value, IOUT/2, when D = 0.5. Losses depend on input
capacitor ESR:
ΔV
OUT_ESR
ΔI
L
ESR
⋅
=
ΔV
OUT_C
ΔI
L
1
8C
OUT
F
SW
⋅⋅
---------------------------------------
⋅
=
ΔV
OUT_ESR
ΔI
OUT
ESR
⋅
=
ΔV
OUT_C
L
ΔI
OUT
2
⋅
2C
OUT
ΔV
L
⋅⋅
--------------------------------------
=
D
MAX
V
IN
V
OUT
–
⋅
I
rms
I
OUT
D1
D
–
()
⋅
⋅
=
PESR I
rms
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com